Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1719760203 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1719760203
Description  2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 3 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1719760203 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1719760203 Datasheet HTML 1Page - Molex Electronics Ltd. 1719760203 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 08/29/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1719760203
Status:
Active
Overview:
SL Modular Connectors
Description:
2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,
0.75µm Selective Gold (Au) Plating, 3 Circuits
Documents:
Drawing (PDF)
Packaging Specification 1719760000-PK-000 (PDF)
Product Specification 1719710000-PS-000 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
171976
Application
Signal, Wire-to-Board
Overview
SL Modular Connectors
Product Name
SL
UPC
191128200868
Physical
Breakaway
No
Circuits (Loaded)
3
Circuits (maximum)
3
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Capable
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Matte Tin
Material - Resin
Liquid Crystal Polymer
Net Weight
0.802/g
Number of Rows
1
Orientation
Right Angle
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Pitch - Termination Interface
2.54mm
Plating min - Mating
0.750µm
Plating min - Termination
2.000µm
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Temperature Range - Operating
-40° to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
3.0A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
1719760000-PK-000
Product Specification
1719710000-PS-000
Sales Drawing
1719760000-SD-000
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Compliant
REACH SVHC
Not Contained Per -
ED/61/2018 (27 June
2018)
Halogen-Free
Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Green Image
ELV
Not Relevant
RoHS Phthalates
Not Contained
Search Parts in this Series
171976 Series
Mates With
SL Insulation Displacement Connector
Assembly 70400 (Version G) <br>SL
Receptacle 70430 (Version G), 70066
(Version G and N)


Similar Part No. - 1719760203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1719760202 MOLEX1-1719760202 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 2 Circuits
1719760204 MOLEX1-1719760204 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 4 Circuits
1719760205 MOLEX1-1719760205 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 5 Circuits
1719760206 MOLEX1-1719760206 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 6 Circuits
1719760207 MOLEX1-1719760207 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 7 Circuits
More results

Similar Description - 1719760203

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1719760210 MOLEX1-1719760210 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 10 Circuits
1719760215 MOLEX1-1719760215 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 15 Circuits
1719760207 MOLEX1-1719760207 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 7 Circuits
1719760222 MOLEX1-1719760222 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 22 Circuits
1719760206 MOLEX1-1719760206 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 6 Circuits
1719760213 MOLEX1-1719760213 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 13 Circuits
1719760224 MOLEX1-1719760224 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 24 Circuits
1719760212 MOLEX1-1719760212 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 12 Circuits
1719760202 MOLEX1-1719760202 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 2 Circuits
1719760204 MOLEX1-1719760204 Datasheet
42Kb / 2P
   2.54mm Pitch SL Header, Single Row, Right-Angle, LCP, Shrouded, Surface Mount,0.75關m Selective Gold (Au) Plating, 4 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com