Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2796B Datasheet(PDF) 5 Page - TEMIC Semiconductors

Part # U2796B
Description  2-GHz Single Balanced Mixer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U2796B Datasheet(HTML) 5 Page - TEMIC Semiconductors

  U2796B Datasheet HTML 1Page - TEMIC Semiconductors U2796B Datasheet HTML 2Page - TEMIC Semiconductors U2796B Datasheet HTML 3Page - TEMIC Semiconductors U2796B Datasheet HTML 4Page - TEMIC Semiconductors U2796B Datasheet HTML 5Page - TEMIC Semiconductors U2796B Datasheet HTML 6Page - TEMIC Semiconductors U2796B Datasheet HTML 7Page - TEMIC Semiconductors U2796B Datasheet HTML 8Page - TEMIC Semiconductors U2796B Datasheet HTML 9Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
U2796B
Preliminary Information
Rev. A2, 15-Oct-98
5 (11)
87
65
12
34
C2
3
C
IP3
R
1
Spectrum
analyzer
Hp 70908 A
R = 50
W
i
N
C4
1
C
LO
R = 50
W
i
10 dB
LO
10 dB
i
1. RF
generator
R = 50
W
10 dB
10 dB
i
2. RF
R = 50
W
RF
Power
splitter
S
V
r
C
U2796B
93 7760 e
1
f = 958.5 MHz
f
= 900 MHz
LO
f = 958.55 MHz
2
–10 dBm
–26 dBm
mH
i
i
IFO
IFO
generator
generator
Figure 6. Test circuit-conversion power gain (PGC) and 3rd order input intercept point (IIP3)


Similar Part No. - U2796B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U2796B ETC1-U2796B Datasheet
188Kb / 1P
   TELEFUNK ELECTRONIC CREATIVE TECHNOLOGIEN U2200B-FP
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
   2-GHz Single-Balanced Mixer
More results

Similar Description - U2796B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U2796B ATMEL-U2796B Datasheet
98Kb / 10P
   2-GHz Single-Balanced Mixer
logo
HBH Microwave GmbH
HX5005 HBH-HX5005 Datasheet
39Kb / 2P
   2 - 7 GHz GaAs Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC115 HITTITE-HMC115 Datasheet
95Kb / 1P
   GaAs DOUBLE-BALANCED 2 TO 6 GHz MIXER
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
   GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
HMC411MS8G HITTITE-HMC411MS8G_08 Datasheet
184Kb / 6P
   GaAs MMIC SINGLE-BALANCED MIXER, 10 - 15 GHz
logo
ATMEL Corporation
U2795B ATMEL-U2795B Datasheet
457Kb / 14P
   2.5-GHz Double balanced Mixer
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
   2.5-GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC272MS8 HITTITE-HMC272MS8 Datasheet
229Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3 GHz
HMC277MS8 HITTITE-HMC277MS8_08 Datasheet
192Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 0.7 - 1.2 GHz
HMC285 HITTITE-HMC285_07 Datasheet
186Kb / 6P
   GaAs MMIC SMT SINGLE BALANCED MIXER, 1.7 - 3.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com