Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE7151 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7151
Description  Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7151 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
NTE7151
Integrated Circuit
I2C Bus Control NTSC 1–Chip Color TV IC
Description:
The NTE7151 is an integrated circuit in a 56–Lead DIP type package designed for use as a PIF, SIF,
video, chroma and deflection circuit for NTSC color TVs. This device also provides audio/video
switching and a text interface.
Features:
PIF Circuit
D PLL Type IF Demodulation (Bus Alignment)
D Adjustment Free AFT Without Tank Coil
D RF AGC Output (Delay Point: Bus Alignment)
D Dual Time Constant Fast AGC
Video Circuit
D Black Stretcher
D DC Restoration Circuit
D D.L. Aperture Compensate Circuit (Bus Control)
D Uni–Color Circuit (Bus Control)
D 3.58MHz Trap Filter Circuit (Bus ON/OFF)
D Y Delay Line Circuit
D Internal Filter Auto–Adjust Circuit (FSC Link Type)
Chroma Circuit
D Color Control Circuit (Bus Control)
D Tint Control Circuit (Bus Control)
D B.P.F. / T.O.F. Circuit (Bus Select)
D Included ACC/Killer Filter
SIF Circuit
D Inter Carrier SIF System
D External Sound Select Switch (Bus Select)
D Attenuator Circuit (Bus Control)
Text Circuit
D Linear RGB Input
D Cut Off/Drive Adjustment (Bus Adjustment)
D RGB Primary Color Output
Deflection Circuit
D Adjustment Free Countdown System
D Sync. Separation Output
D X–Ray Protect Circuit
D Vertical Amplitude Adjustment (Bus Adjustment)
D Vertical Ramp Output
D Dual Time Constant AFC Circuit
D Auto–Slicer Type High Performance Sync. Separation Circuit
D Horizontal and Vertical Position Adjustment (Bus Adjustment)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn