Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE7151 Datasheet(PDF) 4 Page - NTE Electronics

Part No. NTE7151
Description  Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7151 Datasheet(HTML) 4 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics: (VCC = 9V, H. VCC = 9V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
PIF
Video Detected Output Level
VO1
1.7
2.0
2.3
VP–P
VO2
2.0
2.5
3.0
VP–P
Input Sensitivity
VINmin
42
dB
µV
VINmax
100
107
dB
µV
Sync Tip Level
VSYNC
2.6
2.9
3.2
V
Output Level for No Input
VIF
4.8
5.2
5.6
V
Differential Gain
DG
2
5
%
Differential Phase
DP
2
5
DEG
PIF Output Frequency Characteristics
fc
5
7
MHz
Carrier Wave Compression Ratio
CR
50
55
dB
2nd Harmonics Compression Ratio
HR
50
55
dB
PIF Input Resistance
RiPIF
1.5
k
PIF Input Capacitance
CiPIF
3.8
pF
Signal to Noise Ratio
S/N
52
55
dB
920kHz Beat
I9200
42
45
dB
IF AGC Range
RWAGC
61
65
69
dB
IF AGC Voltage
V5MEAN
4.2
4.5
4.8
V
V5max
7.4
7.6
V
V5min
3.8
V
RF AGC Voltage
V3max
7.7
8.2
V
V3min
0.0
0.5
V
RF AGC Control Range
DGRFAGC
35
40
dB
AFT Center Voltage
V4CENT
2.2
2.5
2.8
V
AFT Voltage
V4max
4.4
4.8
V
V4min
0.2
0.5
V
AFT Sensitivity
mAFT
40
kHz/V
AFT Output Resistance
RAFTOUT
40
50
60
k
PIF VCO Control Sensitivity
bIFVCO
2.0
2.5
MHz/V
PIF VCO Pull–In Range
fph
1.0
1.5
MHz
fpl
1.0
1.5
MHz
PIF VCO Control Range
∆fPIFVCO
4.4
MHz
SIF
Sound Output Level
VAAC
400
500
600
mVrms
VADC
4.5
V
Sound Distortion
VAUDIO
0.3
1.0
%
AMR
AMR
50
60
dB
Limiting Sensitivity
VLIM
35
dB
µV
Sound Output Frequency Characteristics
fAUDIOH
130
kHz
fAUDIOL
–130
kHz
Sound Output Resistance
RSOUT
24
30
36
k


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn