Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7150 Datasheet(PDF) 5 Page - NTE Electronics

Part No. NTE7150
Description  Integrated Circuit Video, Chroma, and Sync. Signal Processing Circuit for PAL/NTSC/SECAM System Color Televisions
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7150 Datasheet(HTML) 5 Page - NTE Electronics

  NTE7150 Datasheet HTML 1Page - NTE Electronics NTE7150 Datasheet HTML 2Page - NTE Electronics NTE7150 Datasheet HTML 3Page - NTE Electronics NTE7150 Datasheet HTML 4Page - NTE Electronics NTE7150 Datasheet HTML 5Page - NTE Electronics NTE7150 Datasheet HTML 6Page - NTE Electronics NTE7150 Datasheet HTML 7Page - NTE Electronics NTE7150 Datasheet HTML 8Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Characteristics (Cont’d): VCC = 9V, Logic VCC = 3.3V, TA = +25°C unless otherwise specified)
Parameter
Test Conditions
Min
Typ
Max
Unit
Chroma Section 2 (Cont’d) (SECAM)
BELL Filter fo Control Range
Data = 07
70
105
140
kHz
Data = 00
–175
–140
–105
kHz
PLL Pull–In Range
High
4.75
5.0
5.5
MHz
Low
3.0
3.7
3.9
MHz
Black Level Offset Voltage
–15
0
+15
mV
Black Level Offset Adjustment
Maximum
19
24
29
mV
Minimum
–31
–28
–25
mV
SECAM Color Difference Amplitude
–1.0
–1.8
–2.5
dB
Adjustment Gain
–2.0
–1.0
–0.5
dB
–0.5
0
+0.5
dB
0.5
1.0
1.5
dB
TEXT/Matrix Section
RGB Maximum Output
Measure maximum output voltage from Pin16
when WPL is OFF
7.3
7.7
8.8
V
Color Difference Input Dynamic
Range
Measure input dynamic range at Pin37 and
Pin38
1.6
2.0
2.3
VP–P
Relative Amplitude
Input PAL rainbow signal. Measure G/B in the
color difference output mode selected by bus on
RGB output pins.
0.31
0.37
0.42
Relative Phase
Input PAL rainbow signal. Measure
q (G) – q (B)
in the color difference output mode selected by
bus on RGB output pins.
230
237
245
DEG
Color Control Characteristics
Maximum Gain
18.0
19.5
21.0
dB
Center Gain
–9
–7
–5
dB
Minimum Gain
–80
–50
–40
dB
Maximum Gain Voltage
3.2
3.5
3.8
V
Minimum Gain Voltage
2.2
2.5
2.8
V
Contrast Control Characteristics
Maximum Gain
3.5
5.0
6.5
dB
Minimum Gain
–16
–14
–12
dB
Maximum Gain Voltage
2.2
2.5
2.8
V
Minimum Gain Voltage
1.2
1.5
1.8
V
Brightness Control Characteristics
Maximum Voltage
No Y input (AC GND). Data = FFH. Measure DC
3.2
3.5
3.8
V
Center Voltage
voltage at Pin18 during trace period. Data = 80H.
Measure DC voltage at Pin18 during trace peri-
1.8
2.0
2.2
V
Minimum Voltage
od. Data = 00H. Measure DC voltage at Pin18
during trace period.
0.2
0.5
0.8
V
Control Voltage
Measure DC voltage at Pin18 during trace period
when V53 = 1V.
0.7
1.0
1.3
V
Measure DC voltage at Pin18 during trace period
when V53 = 1V.
2.7
3.0
3.3
V
Brightness Tracking
Measure DC voltage difference between R, G,
and B outputs of brightness data = 40H.
–0.2
0
+0.2
V
WPL Voltage
Measure maximum output voltage from Pin18
when WPL is ON.
5.7
6.0
6.3
V


Similar Part No. - NTE7150

ManufacturerPart No.DatasheetDescription
NTE Electronics
NTE Electronics
NTE715 NTE-NTE715 Datasheet
24Kb / 2P
   Integrated Circuit TV Chroma IF Amp
NTE7151 NTE-NTE7151 Datasheet
57Kb / 8P
   Integrated Circuit I2C Bus Control NTSC 1-Chip Color TV IC
NTE7152 NTE-NTE7152 Datasheet
27Kb / 2P
   Integrated Circuit Hybrid Switching Voltage Regulator
NTE7153 NTE-NTE7153 Datasheet
27Kb / 2P
   Integrated Circuit Vertical Deflection Output Circuit
NTE7154 NTE-NTE7154 Datasheet
33Kb / 3P
   Integrated Circuit Control Circuit for Switch Mode Power Supplies using MOS Transistors
More results

Similar Description - NTE7150

ManufacturerPart No.DatasheetDescription
Toshiba Semiconductor
Toshiba Semiconductor
TA8880CN TOSHIBA-TA8880CN Datasheet
1Mb / 38P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM-SYSTEM COLOR TELEVISIONS
TA8867AN TOSHIBA-TA8867AN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8867BN TOSHIBA-TA8867BN Datasheet
1Mb / 32P
   VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC-SYSTEM COLOR TELEVISIONS
TA8759BN TOSHIBA-TA8759BN Datasheet
2Mb / 58P
   VIDEO CHROMA AND SYNC. SIGNAL PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TELEVISION
TB1226DN TOSHIBA-TB1226DN Datasheet
4Mb / 98P
   VIDEO, CHROMA AND WYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1227BN TOSHIBA-TB1227BN Datasheet
4Mb / 92P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/SECAM SYSTEM COLOR TV
TB1226DNG TOSHIBA-TB1226DNG Datasheet
3Mb / 99P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL/NTSC/ SECAM SYSTEM COLOR TV
TB1227CNG TOSHIBA-TB1227CNG Datasheet
1Mb / 94P
   VIDEO, CHROMA AND SYNCHRONIZING SIGNALS PROCESSING IC FOR PAL / NTSC / SECAM SYSTEM COLOR TV
TA1270BF TOSHIBA-TA1270BF Datasheet
1Mb / 38P
   PAL/NTSC VIDEO AND CHROMA SYNC PROCESSING SYSTEM FOR PIP/POP/PAP
TA1270BFG TOSHIBA-TA1270BFG Datasheet
1Mb / 39P
   PAL / NTSC VIDEO CHROMA AND SYNC PROCESSING SYSTEM FOR PIP / POP / PAP
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz