Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S34MS16G2 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # S34MS16G2
Description  16 Gb, 4-Bit ECC, 횞8 I/O, and 1.8 V VCC NAND Flash for Embedded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS16G2 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button S34MS16G2 Datasheet HTML 7Page - Cypress Semiconductor S34MS16G2 Datasheet HTML 8Page - Cypress Semiconductor S34MS16G2 Datasheet HTML 9Page - Cypress Semiconductor S34MS16G2 Datasheet HTML 10Page - Cypress Semiconductor S34MS16G2 Datasheet HTML 11Page - Cypress Semiconductor S34MS16G2 Datasheet HTML 12Page - Cypress Semiconductor S34MS16G2 Datasheet HTML 13Page - Cypress Semiconductor S34MS16G2 Datasheet HTML 14Page - Cypress Semiconductor S34MS16G2 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Document Number: 002-00464 Rev. *F
Page 11 of 17
S34MS16G2
Note:
1. “O” Stands for Optional, “M” for Mandatory.
135-136
M
tBERS Maximum block erase time (µs)
10h, 27h
137-138
M
tR Maximum page read time (µs)
1Eh, 00h
139-140
M
tCCS Minimum Change Column setup time (ns)
C8h, 00h
141-163
Reserved (0)
00h
Vendor Block
164-165
M
Vendor specific Revision number
00h
166-253
Vendor specific
00h
254-255
M
Integrity CRC
11h, F5h (1CE#)
Redundant Parameter Pages
256-511
M
Value of bytes 0-255
Repeat Value of bytes 0-255
512-767
M
Value of bytes 0-255
Repeat Value of bytes 0-255
768+
O
Additional redundant parameter pages
FFh
Table 7.3 Parameter Page Description (Continued)
Byte
O/M
Description
Values


Similar Part No. - S34MS16G2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34MS-1 CYPRESS-S34MS-1 Datasheet
779Kb / 6P
   1-Bit ECC
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
S34MS01G100 CYPRESS-S34MS01G100 Datasheet
779Kb / 6P
   1-Bit ECC
S34MS01G104 CYPRESS-S34MS01G104 Datasheet
779Kb / 6P
   1-Bit ECC
S34MS01G2 CYPRESS-S34MS01G2 Datasheet
2Mb / 74P
   1 Gbit/2 Gbit/4 Gbit SLC NAND Flash for Embedded
More results

Similar Description - S34MS16G2

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S34ML16G2 CYPRESS-S34ML16G2 Datasheet
440Kb / 18P
   16-Gbit, 4-Bit ECC, 횞8 I/O, 3 V VCC NAND Flash for Embedded
S34MS08G2 CYPRESS-S34MS08G2 Datasheet
403Kb / 17P
   8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
S34ML08G2 CYPRESS-S34ML08G2 Datasheet
529Kb / 16P
   8 Gb, 4-bit ECC, x8 I/O and 3 V VCC NAND Flash Memory for Embedded
S34ML08G1 CYPRESS-S34ML08G1 Datasheet
865Kb / 20P
   8 Gb, 1-bit ECC, x8 I/O, 3 V, VCC NAND Flash Memory for Embedded
S34MS01G1 CYPRESS-S34MS01G1 Datasheet
1Mb / 71P
   1-bit ECC, x8 and x16 I/O, 1.8V VCC SLC NAND Flash for Embedded
S34ML01G2 CYPRESS-S34ML01G2 Datasheet
7Mb / 76P
   1 Gb, 2 Gb, 4 Gb, 3 V, 4-bit ECC, SLC NAND Flash Memory for Embedded
logo
SPANSION
S34ML01G200TFI000 SPANSION-S34ML01G200TFI000 Datasheet
2Mb / 68P
   1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
logo
Cypress Semiconductor
S34ML01G1 CYPRESS-S34ML01G1 Datasheet
1Mb / 71P
   1 Gb/2 Gb/4 Gb, 3 V, SLC NAND Flash for Embedded
logo
Numonyx B.V
M58WR016KU NUMONYX-M58WR016KU Datasheet
2Mb / 123P
   16-, 32- and 64-Mbit (x 16, Mux I/O, Multiple Bank, Burst) 1.8 V supply Flash memories
logo
SMSC Corporation
SP37E760 SMSC-SP37E760 Datasheet
510Kb / 78P
   3.3 V I/O CONTROLLER FOR EMBEDDED APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com