Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH7888ACBHRB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TH7888ACBHRB
Description  AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7888ACBHRB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TH7888ACBHRB Datasheet HTML 1Page - List of Unclassifed Manufacturers TH7888ACBHRB Datasheet HTML 2Page - List of Unclassifed Manufacturers TH7888ACBHRB Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7888ACBHRB Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7888ACBHRB Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7888ACBHRB Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7888ACBHRB Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7888ACBHRB Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7888ACBHRB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
GEOMETRICAL CHARACTERISTICS
Figure 2b : Pixel layout
Figure 2c : Cross-section AA’
ABSOLUTE MAXIMUM RATINGS
Storage temperature ............................................................................................................................................-55°C to +150°C
Operating temperature...........................................................................................................................................-40°C to +85°C
Thermal cycling ...............................................................................................................................................................15°C / mn
Maximum applied voltages :
Y9, AA9, Y10, AA10, Y5, AA5, Y6, AA6, Y4, B2, A2, A3, B3, B1, A1, B4, A6 .................................................-0.3 to 15 V
A9, A8, B10, B8, B7, A7, AA7 ...........................................................................................................................-0.3 V to 15.5 V
Y7 ..............................................................................................................................................................................-0.3Vto12V
A4, A5, B5, B6, Y8, AA4, AA8 ..................................................................................................................................0V (ground)
3/16
TH7888A


Similar Part No. - TH7888ACBHRB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
TH7888AVRHN ATMEL-TH7888AVRHN Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
TH7888AVRHRB ATMEL-TH7888AVRHRB Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
More results

Similar Description - TH7888ACBHRB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
   1024 - BIT CCD IMAGE SENSOR
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com