Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TH7888A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TH7888A
Description  AREA ARRAY CCD IMAGE SENSOR 1024 X 1024 PIXELS WITH ANTIBLOOMING
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7888A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TH7888A Datasheet HTML 1Page - List of Unclassifed Manufacturers TH7888A Datasheet HTML 2Page - List of Unclassifed Manufacturers TH7888A Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7888A Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7888A Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7888A Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7888A Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7888A Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7888A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DESCRIPTION
TH7888A is especially designed for high data rate applications (up to 30 pict /s in 1024x1024 format progressive scan) in
medical and industrial fields.
This area array image sensor consists of a 1024 x 1024 pixels (14
mmx14 mm) image zone associated to a memory zone
(masked with optical shield).
In order to increase data rate, it is provided 2 separate outputs that can be used for parallel readout. (readout frequency up
to 20 MHz / output leading to a total readout frequency of 40 MHz). These two outputs allow 3 readout modes (single or
dual port readout).
TH7888A is designed with antiblooming structure providing electronic shutter capability.
Moreover the2x2 binning mode is available on this sensor. In that case, the image size is 512 x 512 with 28
mmx28 mm
pixels.
TH7888A package is sealed with a specific anti-reflective window optimized in 400-700 nm spectrum bandwidth.
OPTIONS : the device can be delivered with integrated low power Peltier cooler in order to improve sensor performances in
high temperature environments (typically + 50°C).
FUNCTIONAL DIAGRAM
Figure 1 gives the general sensor organization.
Extra dark lines are provided for use as dark references or for smearing digital correction.
Extra dark pixels are provided for line dark reference clamping.
Each frame is made of 1056 video lines :
n 1 dummy line
n 12 useful dark reference lines (with optical shield)
n 3 isolation lines
n 1024 useful lines
n 3 isolation lines
n 12 dark reference lines (with optical shield)
n 1 dummy line
Each video line is made of 546 or 1058 elements, depending on readout mode (single or dual port modes):
n 12 inactive prescan elements
n 1 isolation element
n 16 useful dark references (with optical shield)
n 5 isolation elements
n 512 or 1024 useful video pixels
2/16
TH7888A


Similar Part No. - TH7888A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
TH7888AVRHN ATMEL-TH7888AVRHN Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
TH7888AVRHRB ATMEL-TH7888AVRHRB Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
More results

Similar Description - TH7888A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TH7887A ATMEL-TH7887A Datasheet
220Kb / 20P
   Area Array CCD Image Sensor 1024 x 1024 Pixels with Antiblooming
TH7888A ATMEL-TH7888A Datasheet
354Kb / 21P
   Area Array CCD Image Sensor (1024 x 1024 Pixels with Antiblooming)
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737 Datasheet
796Kb / 9P
   CCD area image sensor 1024 횞 1024 pixels, front-illuminated FFT-CCDs
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
ATMEL Corporation
TH7804A ATMEL-TH7804A Datasheet
172Kb / 11P
   Linear Charged Couple Device (CCD) Image Sensor 1024 Pixels
logo
NEC
UPD795 NEC-UPD795 Datasheet
233Kb / 7P
   1024 - BIT CCD IMAGE SENSOR
logo
Texas Instruments
TC213 TI-TC213 Datasheet
325Kb / 21P
[Old version datasheet]   1024- 횞 512-pixel ccd image sensor
logo
Hamamatsu Corporation
S9737 HAMAMATSU-S9737_15 Datasheet
325Kb / 9P
   1024 x 1024 pixels, front-illuminated FFT-CCDs
logo
List of Unclassifed Man...
KAF-1001E ETC1-KAF-1001E Datasheet
113Kb / 18P
   1024(H) x 1024(V) Pixel Enhanced Response Full-Frame CCD Image Sensor Performance Specification
logo
ON Semiconductor
KAE-01093 ONSEMI-KAE-01093 Datasheet
1Mb / 39P
   1024 (H) x 1024 (V) Interline Transfer EMCCD Image Sensor
August, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com