Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVGC-480 Datasheet(PDF) 10 Page - Mean Well Enterprises Co., Ltd.

Part # HVGC-480
Description  480W Constant Power Mode LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HVGC-480 Datasheet(HTML) 10 Page - Mean Well Enterprises Co., Ltd.

Back Button HVGC-480 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HVGC-480 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HVGC-480 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HVGC-480 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. HVGC-480 Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. HVGC-480 Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. HVGC-480 Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. HVGC-480 Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. HVGC-480 Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
480W
Constant Power Mode LED Driver
HVGC-480 series
File Name:HVGC-480-SPEC 2018-08-03
MECHANICAL SPECIFICATION
SOOW 17AWG 3C & H07RN-F 3 1.0mm
2
××
300
20
±
※D2-Type
FG
(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
ψ×
4.5 4PL
: Max. Case Temperature
tc
8.9
13.4
235.2
262
113.8
tc
※Dx-Type
FG
(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
ψ×
4.5 4PL
: Max. Case Temperature
tc
8.9
13.4
235.2
262
113.8
tc
300
20
±
SOOW 17AWG 3C & H07RN-F 3 1.0mm
2
××
SOOW 17AWG 2C & H07RN-F 2 1.0mm
2
××
Vo-(Blue)
Vo+(Brown)
300
20
±
Vo-(Blue)
Vo+(Brown)
SOOW 17AWG 2C & H07RN-F 2 1.0mm
2
××
SJOW 17AWG 2C & H05RN-F 2 1.0mm
2
××
330
20
±
300
20
±
PROG+(Gray)
PROG-(Black)


Similar Part No. - HVGC-480

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVGC-100 MEANWELL-HVGC-100 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
HVGC-100-350 MEANWELL-HVGC-100-350 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
HVGC-100-350 MEANWELL-HVGC-100-350 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
HVGC-100-700 MEANWELL-HVGC-100-700 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
HVGC-100-700 MEANWELL-HVGC-100-700 Datasheet
328Kb / 6P
   100W Single Output LED Power Supply
More results

Similar Description - HVGC-480

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-480H-C MEANWELL-HLG-480H-C Datasheet
304Kb / 10P
   480W Constant Current Mode LED Driver
HVG-480 MEANWELL-HVG-480 Datasheet
271Kb / 9P
   480W Constant Voltage Constant Current LED Driver
HLG-480H MEANWELL-HLG-480H_18 Datasheet
349Kb / 14P
   480W Constant Voltage Constant Current LED Driver
FDHC-100 MEANWELL-FDHC-100 Datasheet
116Kb / 5P
   100W Constant Power Mode LED Driver
XBG-160 MEANWELL-XBG-160 Datasheet
2Mb / 8P
   160W Constant Power Mode LED Driver
XBG-240 MEANWELL-XBG-240 Datasheet
1Mb / 8P
   240W Constant Power Mode LED Driver
XLG-150 MEANWELL-XLG-150 Datasheet
725Kb / 9P
   150W Constant Power Mode LED Driver
XLG-240 MEANWELL-XLG-240 Datasheet
765Kb / 8P
   240W Constant Power Mode LED Driver
ELGC-300 MEANWELL-ELGC-300 Datasheet
4Mb / 10P
   300W Constant Power Mode LED Driver
XLG-100 MEANWELL-XLG-100 Datasheet
721Kb / 9P
   100W Constant Power Mode LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com