Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0474A Datasheet(PDF) 4 Page - Golledge Electronics Ltd

Part # TB0474A
Description  SAW Filter 70.0MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

TB0474A Datasheet(HTML) 4 Page - Golledge Electronics Ltd

  TB0474A Datasheet HTML 1Page - Golledge Electronics Ltd TB0474A Datasheet HTML 2Page - Golledge Electronics Ltd TB0474A Datasheet HTML 3Page - Golledge Electronics Ltd TB0474A Datasheet HTML 4Page - Golledge Electronics Ltd TB0474A Datasheet HTML 5Page - Golledge Electronics Ltd TB0474A Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 70.0MHz
Model: TB0474A
Part No: MP01881
Rev No: 2
TB0474A v2
4
D. OUTLINE DRAWING:
A, B: RF input
H, G: RF output
C, D, E, F, J, K, N, M: To be Ground
Unit: mm
E. MATCHING CIRCUIT:
L1 = 90nH; L2 = 110nH


Similar Part No. - TB0474A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0474A TAI-SAW-TB0474A Datasheet
246Kb / 7P
   70MHz IF SAW Filter (BW=35 MHz)
More results

Similar Description - TB0474A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05987 GOLLEDGE-MA05987 Datasheet
116Kb / 3P
   70.0MHz SAW Filter
MA06843 GOLLEDGE-MA06843 Datasheet
138Kb / 3P
   SAW Filter: 70.0MHz
MP05682 GOLLEDGE-MP05682 Datasheet
169Kb / 5P
   SAW Filter 70.0MHz
MP07281 GOLLEDGE-MP07281 Datasheet
153Kb / 6P
   SAW Filter 70.0MHz
MP04766 GOLLEDGE-MP04766 Datasheet
104Kb / 5P
   SAW Filter 70.0MHz
MA06965 GOLLEDGE-MA06965 Datasheet
106Kb / 3P
   SAW Filter 70.0MHz
MA05435 GOLLEDGE-MA05435 Datasheet
102Kb / 3P
   70.0MHz SAW Filter
MA06738 GOLLEDGE-MA06738 Datasheet
108Kb / 3P
   SAW Filter 70.0MHz
MA07421 GOLLEDGE-MA07421 Datasheet
95Kb / 3P
   SAW Filter 70.0MHz
MP05012 GOLLEDGE-MP05012 Datasheet
240Kb / 5P
   SAW Filter 70.0MHz
MP05276 GOLLEDGE-MP05276 Datasheet
85Kb / 5P
   SAW Filter: 70.0MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com