Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD20N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD20N20
Description  N-CHANNEL 200V - 0.10 OHM - 18A TO-220/TO-220FP/DPAK LOW GATE CHARGE STripFET II MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD20N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STD20N20 Datasheet HTML 1Page - STMicroelectronics STD20N20 Datasheet HTML 2Page - STMicroelectronics STD20N20 Datasheet HTML 3Page - STMicroelectronics STD20N20 Datasheet HTML 4Page - STMicroelectronics STD20N20 Datasheet HTML 5Page - STMicroelectronics STD20N20 Datasheet HTML 6Page - STMicroelectronics STD20N20 Datasheet HTML 7Page - STMicroelectronics STD20N20 Datasheet HTML 8Page - STMicroelectronics STD20N20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
January 2005
STP20N20
STF20N20 - STD20N20
N-CHANNEL 200V - 0.10
Ω - 18A TO-220/TO-220FP/DPAK
LOW GATE CHARGE STripFET™ II MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 0.10 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
LOW GATE CHARGE
s
100% AVALANCHE TESTED
DESCRIPTION
This MOSFET series realized with STMicroelec-
tronics unique STripFET process has specifically
been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters.
APPLICATIONS
s
HIGH CURRENT SWITCHING
APPLICATIONS
s
HIGH EFFICIENCY DC-DC CONVERTERS
s
PRIMARY SIDE SWITCH
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
Id
PTOT
STD20N20
STF20N20
STP20N20
200 V
200 V
200 V
< 0.125
< 0.125
< 0.125
18 A
18 A
18 A
90 W
25 W
90 W
1
2
3
1
2
3
1
3
TO-220
TO-220FP
DPAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STD20N20T4
D20N20
DPAK
TAPE & REEL
STF20N20
F20N20
TO-220FP
TUBE
STP20N20
P20N20
TO-220
TUBE
Rev. 3


Similar Part No. - STD20N20

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STD20N03L SAMHOP-STD20N03L Datasheet
801Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
logo
STMicroelectronics
STD20N06 STMICROELECTRONICS-STD20N06 Datasheet
174Kb / 10P
   N - CHANNEL ENHANCEMENT MODE ?쓀LTRA HIGH DENSITY??POWER MOS TRANSISTOR
logo
VBsemi Electronics Co.,...
STD20N06T4 VBSEMI-STD20N06T4 Datasheet
899Kb / 6P
   N-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STD20NE03L STMICROELECTRONICS-STD20NE03L Datasheet
105Kb / 9P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
STD20NE06 STMICROELECTRONICS-STD20NE06 Datasheet
96Kb / 8P
   N - CHANNEL ENHANCEMENT MODE ??SINGLE FEATURE SIZE ??POWER MOSFET
More results

Similar Description - STD20N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD20NF20 STMICROELECTRONICS-STD20NF20 Datasheet
505Kb / 16P
   N-channel 200V - 0.10廓 -18A- DPAK/TO-220/TO-220FP Low gate charge STripFET??Power MOSFET
STD20NF20 STMICROELECTRONICS-STD20NF20_09 Datasheet
915Kb / 15P
   N-channel 200 V, 0.10 廓, 18 A DPAK, TO-220, TO-220FP low gate charge STripFET??Power MOSFET
STD16NF25 STMICROELECTRONICS-STD16NF25 Datasheet
462Kb / 16P
   N-channel 250V - 0.195廓 - 13A - DPAK/TO-220/TO-220FP Low gate charge STripFET??II Power MOSFET
STB30NF10 STMICROELECTRONICS-STB30NF10 Datasheet
455Kb / 11P
   N-CHANNEL 100V - 0.038 ohm - 35A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
STB14NF10 STMICROELECTRONICS-STB14NF10 Datasheet
464Kb / 11P
   N-CHANNEL 100V - 0.115 ohm - 15A TO-220/TO-220FP/D2PAK LOW GATE CHARGE STripFET??II POWER MOSFET
June 2002
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
   N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
STP135N10 STMICROELECTRONICS-STP135N10 Datasheet
204Kb / 8P
   N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
   N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
STP14NF12 STMICROELECTRONICS-STP14NF12_06 Datasheet
311Kb / 14P
   N-channel 120V - 0.16OHM - 14A - TO-220/TO-220FP Low gate charge STripFET TM II Power MOSFET
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
   N-channel 200V - 0.038廓 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com