Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC2G132DCURE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # 74LVC2G132DCURE4
Description  DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC2G132DCURE4 Datasheet(HTML) 2 Page - Texas Instruments

  74LVC2G132DCURE4 Datasheet HTML 1Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 2Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 3Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 4Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 5Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 6Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 7Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 8Page - Texas Instruments 74LVC2G132DCURE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
1A
1B
1Y
2A
2B
2Y
7
3
1
2
5
6
Absolute Maximum Ratings
(1)
SN74LVC2G132
DUAL 2-INPUT NAND GATE
WITH SCHMITT-TRIGGER INPUTS
SCES547A – FEBRUARY 2004 – REVISED JUNE 2005
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
(EACH GATE)
INPUTS
OUTPUT
Y
A
B
L
L
H
L
H
H
H
L
H
H
H
L
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high-impedance or power-off state(2)
–0.5
6.5
V
VO
Voltage range applied to any output in the high or low state(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DCT package
220
θ
JA
Package thermal impedance(4)
DCU package
227
°C/W
YEP/YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative-voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7
2


Similar Part No. - 74LVC2G132DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC2G132DCURE4 TI1-74LVC2G132DCURE4 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
More results

Similar Description - 74LVC2G132DCURE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132 Datasheet
181Kb / 5P
   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_16 Datasheet
946Kb / 18P
[Old version datasheet]   Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
SN74LVC2G132 TI-SN74LVC2G132_07 Datasheet
426Kb / 14P
[Old version datasheet]   DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
NC7WZ132 ONSEMI-NC7WZ132 Datasheet
578Kb / 12P
   UHS Dual 2-Input NAND Gate with Schmitt Trigger Inputs
March 2008 Rev. 1.11.0
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Texas Instruments
SN74LVC1G132 TI-SN74LVC1G132_07 Datasheet
468Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN74LVC1G132 TI-SN74LVC1G132 Datasheet
270Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com