Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-811 Datasheet(PDF) 3 Page - Rohm

Part # SML-811
Description  Low Current Type (IF <=10mA) Back-fire chip LEDs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-811 Datasheet(HTML) 3 Page - Rohm

  SML-811 Datasheet HTML 1Page - Rohm SML-811 Datasheet HTML 2Page - Rohm SML-811 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Appendix
Appendix1-Rev1.1
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - SML-811

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-811BW1P ROHM-SML-811BW1P Datasheet
2Mb / 4P
   Reverse-mount type
SML-811BWT86P ROHM-SML-811BWT86P Datasheet
2Mb / 4P
   Reverse-mount type
SML-811BWT87P ROHM-SML-811BWT87P Datasheet
2Mb / 4P
   Reverse-mount type
SML-811DA ROHM-SML-811DA Datasheet
2Mb / 4P
   Reverse-mount type
SML-811DT ROHM-SML-811DT Datasheet
2Mb / 4P
   Reverse-mount type
More results

Similar Description - SML-811

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
   Low Current Type (IF=<10mA) Side view chip LEDs
SML512 ROHM-SML512 Datasheet
105Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML412 ROHM-SML412 Datasheet
148Kb / 3P
   Low Current Type (IF =<10mA) Mini-molded chip LEDs
SML-211 ROHM-SML-211 Datasheet
462Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-810 ROHM-SML-810 Datasheet
163Kb / 3P
   Standard Type Back-fire chip LEDs
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
SML-812 ROHM-SML-812 Datasheet
150Kb / 3P
   High Brightness Type Back-fire chip LEDs(Reverse package)
SML-211YTT86K ROHM-SML-211YTT86K Datasheet
116Kb / 3P
   0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com