Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7840DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7840DP
Description  Si7840BDP vs. Si7840DP Specification Comparison
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7840DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7840DP Datasheet HTML 1Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 1 page
background image
SPICE Device Model Si7840BDP
Vishay Siliconix
www.vishay.com
Document Number: 73244
2
04-Dec-04
SPECIFICATIONS (TJ = 25
°C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Conditions
Simulated
Data
Measured
Data
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250
µA
1.8
V
On-State Drain Current
a
ID(on)
VDS
≥ 5 V, V
GS = 10 V
684
A
VGS = 10 V, ID = 16.5 A
0.0070
0.0070
Drain-Source On-State Resistance
a
rDS(on)
VGS = 4.5 V, ID = 13 A
0.0084
0.0084
Forward Transconductance
a
gfs
VDS = 15 V, ID = 16.5 A
17
60
S
Diode Forward Voltage
a
VSD
IS = 3.7 A, VGS = 0 V
0.74
0.75
V
Dynamic
b
Total Gate Charge
Qg
13
14
Gate-Source Charge
Qgs
6
6
Gate-Drain Charge
Qgd
VDS = 15 V, VGS = 4.5 V, ID = 16.5 A
3.5
3.5
nC
Notes
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2%.
b. Guaranteed by design, not subject to production testing.
Documents
PDF
Complete
Click Here & Upgrade
Expanded Features
Unlimited Pages


Similar Part No. - SI7840DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7840DP VISHAY-SI7840DP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) Fast Switching MOSFET
Rev. C, 25-Feb-02
More results

Similar Description - SI7840DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0200K VISHAY-TN0200K Datasheet
32Kb / 1P
   Specification Comparison TN0200K vs. TN0200T
19-May-04
TP0101K VISHAY-TP0101K Datasheet
90Kb / 1P
   TP0101K vs. TP0101T Specification Comparison
11-May-05
SI7868ADP VISHAY-SI7868ADP Datasheet
95Kb / 1P
   Si7868ADP vs. Si7868DP Specification Comparison
15-Apr-05
SI5402BDC VISHAY-SI5402BDC Datasheet
91Kb / 1P
   Specification Comparison Si5402BDC vs. Si5402DC
10-May-05
SI5404BDC VISHAY-SI5404BDC Datasheet
32Kb / 3P
   Specification Comparison
08-Sep-04
SI6880AEDQ VISHAY-SI6880AEDQ Datasheet
32Kb / 1P
   Specification Comparison
22-Mar-04
SI3850ADV VISHAY-SI3850ADV Datasheet
65Kb / 2P
   Specification Comparison
Revision: 31-Oct-06
72893 VISHAY-72893 Datasheet
32Kb / 1P
   Dual N-Channel, 30-V (D-S) MOSFET Specification Comparison
22-Mar-04
logo
STMicroelectronics
AN574 STMICROELECTRONICS-AN574 Datasheet
66Kb / 4P
   TRANSIL TRISIL COMPARISON
logo
Silicon Laboratories
AN836 SILABS-AN836 Datasheet
1Mb / 6P
   Current Sense Amplifier Performance Comparison
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com