Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4532ADY Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SI4532ADY
Description  N- and P-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4532ADY Datasheet(HTML) 1 Page - Vishay Siliconix

  SI4532ADY Datasheet HTML 1Page - Vishay Siliconix SI4532ADY Datasheet HTML 2Page - Vishay Siliconix SI4532ADY Datasheet HTML 3Page - Vishay Siliconix SI4532ADY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPICE Device Model Si4532ADY
Vishay Siliconix
This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate
data sheet of the same number for guaranteed specification limits.
Document Number: 70551
www.vishay.com
16-May-04
1
N- and P-Channel 30-V (D-S) MOSFET
CHARACTERISTICS
• N- and P-Channel Vertical DMOS
• Macro Model (Subcircuit Model)
• Level 3 MOS
• Apply for both Linear and Switching Application
• Accurate over the −55 to 125°C Temperature Range
• Model the Gate Charge, Transient, and Diode Reverse Recovery
Characteristics
DESCRIPTION
The
attached
spice
model
describes
the
typical
electrical
characteristics of the n- and p-channel vertical DMOS.
The
subcircuit
model
is
extracted
and
optimized
over
the
−55 to 125°C temperature ranges under the pulsed 0 to 10V gate
drive. The saturated output impedance is best fit at the gate bias
near the threshold voltage.
A novel gate-to-drain feedback capacitance network is used to model
the gate charge characteristics while avoiding convergence difficulties
of the switched Cgd model. All model parameter values are optimized
to provide a best fit to the measured electrical data and are not
intended as an exact physical interpretation of the device.
SUBCIRCUIT MODEL SCHEMATIC


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SI3590DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4544DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6543DQ Dual N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4558DY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI6544DQ N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI3552DV N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI4539ADY N- and P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI2303BDS P-Channel 30-V D-S MOSFET 1  2  3  4  5  Vishay Siliconix
SI4425BDY P-Channel 30-V D-S MOSFET 1  2  3  4  5  More Vishay Siliconix
SI7943DP Dual P-Channel 30-V D-S MOSFET 1  2  3  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn