Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFH608 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. SFH608
Description  Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH608 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH608 Datasheet HTML 1Page - Vishay Siliconix SFH608 Datasheet HTML 2Page - Vishay Siliconix SFH608 Datasheet HTML 3Page - Vishay Siliconix SFH608 Datasheet HTML 4Page - Vishay Siliconix SFH608 Datasheet HTML 5Page - Vishay Siliconix SFH608 Datasheet HTML 6Page - Vishay Siliconix SFH608 Datasheet HTML 7Page - Vishay Siliconix SFH608 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SFH608
Document Number 83664
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
1
i179004
i179004
1
2
3
6
5
4
B
C
E
A
C
NC
Pb
Pb-free
e3
Optocoupler, Phototransistor Output, Low Input Current, With
Base Connection, 5300 VRMS
Features
• Very High CTR at IF = 1.0 mA, VCE = 0.5 V
• Specified Minimum CTR at IF = 0.5 mA,
•VCE = 1.5 V ≥ 32 % (typ. 120 %)
• Good CTR Linearity with Forward Current
• Low CTR Degradation
• High Collector-Emitter Voltage VCEO = 55 V
• Isolation Test Voltage: 5300 VRMS
• Low Current Input
• Low Coupling Capacitance
• High Common Mode Transient Immunity
• Lead-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Agency Approvals
• UL1577, File No. E52744 System Code H or J,
Double Protection
• DIN EN 60747-5-2 (VDE0884)
DIN EN 60747-5-5 pending
Available with Option 1
• CSA 93751
• BSI IEC60950 IEC60065
Applications
Telecommunications
Industrial Controls
Office Machines
Microprocessor System Interfaces
Description
The SFH 608 is an optocoupler designed for high cur-
rent transfer ratio at low input currents with the output
transistor saturated. This makes the device ideal for
low current switching applications. The SFH608 is
packaged in a six pin plastic DIP.
Order Information
For additional information on the available options refer to
Option Information.
Part
Remarks
SFH608-2
CTR 63 - 125 %, DIP-6
SFH608-3
CTR 100 - 200 %, DIP-6
SFH608-4
CTR 160 - 320 %, DIP-6
SFH608-5
CTR 250 - 500 %, DIP-6
SFH608-2-X006
CTR 63 - 125 %, DIP-6 400 mil (option 6)
SFH608-2-X007
CTR 63 - 125 %, SMD-6 (option 7)
SFH608-2-X009
CTR 63 - 125 %, SMD-6 (option 9)
SFH608-3-X006
CTR 100 - 200 %, DIP-6 400 mil (option 6)
SFH608-3-X007
CTR 100 - 200 %, SMD-6 (option 7)
SFH608-4-X006
CTR 160 - 320 %, DIP-6 400 mil (option 6)
SFH608-4-X007
CTR 160 - 320 %, SMD-6 (option 7)
SFH608-5-X007
CTR 250 - 500 %, SMD-6 (option 7)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn