Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702491 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2702491
Description  Space saving, thanks to the low height
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2702491 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2702491
08/14/2018   Page 1 / 3
LED machine light - PLD M 280 W-40 284 - 2702491
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
LED machine light, 24 V DC, emission angle 40 °, color temperature 6500 K, length 284 mm, Light housing:
Anodized aluminum, Pane: Single-pane safety glass (ESG, thermally toughened float glass), resistant to
coolants and lubricants
Product Description
This LED machine light is designed to provide illumination inside or on machinery.
You can use the light in harsh environments.
This is possible thanks to:
- The high degree of protection
- Resistance to common cooling agents and lubricants
- Resistance to vibrations and shock
-The safety glass
The IP67/IPX9 protection allows use in machines that undergo high-pressure cleaning.
Why buy this product
 Space saving, thanks to the low height
 Ready to connect by means of punched-on 3 m supply line
 Focused illumination, thanks to 40° emission angle
 IP67 protection and resistance to cooling agents and lubricants enables use in machine tools
 IP69 protection enables use even under the most demanding requirements in terms of the degree of protection
 Safety glass enables use even in environments with potential mechanical strain
 ETL approval permits use on the North American market
 Particularly economical thanks to energy-efficient LED technology and an LED service life of at least 50,000 h
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626216850
Technical data
Dimensions
Width
74 mm
Height
20 mm


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn