Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702475 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2702475
Description  Narrow design enables mounting even in confined spaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702475 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2702475 Datasheet HTML 1Page - PHOENIX CONTACT 2702475 Datasheet HTML 2Page - PHOENIX CONTACT 2702475 Datasheet HTML 3Page - PHOENIX CONTACT 2702475 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2702475
08/14/2018   Page 2 / 4
LED machine light - PLD M 160 W-95/105 196 - 2702475
Technical data
Ambient conditions
Permissible humidity (operation)
95 %
Permissible humidity (storage/transport)
95 % (non-condensing)
Air pressure (operation)
69 kPa ... 102 kPa
Air pressure (storage/transport)
69 kPa ... 102 kPa
Degree of protection
IP67
General
Net weight
200 g
Mounting type
Screw mounting
Power supply for module electronics
Connection method
open cable end
Cable length
approx. 3 m
Supply voltage
24 V DC
Supply voltage range
22 V DC ... 26 V DC
Current consumption
typ. 0.15 A (at 24 V DC)
Power consumption
approx. 3.5 W (at 24 V DC)
Type of protection
Surge protection
Reverse polarity protection
Light properties
Source of light type
LED
Number of LEDs
6
Service life, lighting appliance
50,000 h (L70)
Light color
daylight white
Color temperature
6200 K ±10 %
Color rendering index
75
Luminous flux
approx. 150 lm (Net luminous flux)
Illumination
max. 206 lx (50 cm distance)
Average illumination
89 lx (Distance of 50 cm over 1 m2 area)
Emission angle
95 ° (C0-C180)
Standards and Regulations
Protection class
III, IEC 61140, EN 61140, VDE 0140-1
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings


Similar Part No. - 2702475

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2702476 PHOENIX-2702476 Datasheet
62Kb / 3P
   LED machine light - PLD M 160 W-95/105 336
2702477 PHOENIX-2702477 Datasheet
62Kb / 3P
   LED machine light - PLD M 160 W-95/105 616
2702478 PHOENIX-2702478 Datasheet
61Kb / 3P
   LED machine light - PLD M 160 W-95/105 896
2702479 PHOENIX-2702479 Datasheet
62Kb / 3P
   LED machine light - PLD M 160 W-95/105 1176
More results

Similar Description - 2702475

ManufacturerPart No.DatasheetDescription
Cynergy3 Co
Cynergy3 Co
LM10WRAS CYNERGY3-LM10WRAS Datasheet
67Kb / 2P
   This small design of switch is for use in more confined spaces
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
   switch for turbulent liquids & confined spaces
List of Unclassifed Manufacturers
List of Unclassifed Man...
00433 ETC2-00433 Datasheet
24Kb / 1P
   A RANGE OF OFFSET SECRWDRIVERS FOR WORKING IN CONFINED OR DIFFICULT SPACES
PHOENIX CONTACT
PHOENIX CONTACT
Q-LEVER PHOENIX-Q-LEVER Datasheet
48Kb / 2P
   QUICKON lever tool, with angled head for confined spaces
CTS Corporation
CTS Corporation
766 CTS-766_16 Datasheet
99Kb / 4P
   Narrow Body Design
766163330G CTS-766163330G Datasheet
99Kb / 4P
   Narrow Body Design
766163220G CTS-766163220G Datasheet
99Kb / 4P
   Narrow Body Design
List of Unclassifed Manufacturers
List of Unclassifed Man...
37026 ETC-37026 Datasheet
280Kb / 1P
   Ideal for use with indexable carbide tooling and also for working in confined spaces
PHOENIX CONTACT
PHOENIX CONTACT
3212200 PHOENIX-3212200 Datasheet
82Kb / 5P
   The compact design and front connection enable wiring in a confined space
1037089 PHOENIX-1037089 Datasheet
80Kb / 4P
   The compact design and front connection enable wiring in a confined space
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz