Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702475 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2702475
Description  Narrow design enables mounting even in confined spaces
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2702475 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2702475 Datasheet HTML 1Page - PHOENIX CONTACT 2702475 Datasheet HTML 2Page - PHOENIX CONTACT 2702475 Datasheet HTML 3Page - PHOENIX CONTACT 2702475 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2702475
08/14/2018   Page 1 / 4
LED machine light - PLD M 160 W-95/105 196 - 2702475
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
LED machine light, 24 V DC, emission angle 95 °/105 °, color temperature 6200 K, length 196 mm, Light
housing: Anodized aluminum, Light cover: Satined acrylic, pivoting, including mounting accessories
Product Description
This LED machine light is designed to provide illumination inside or on machinery.
Due to the narrow design, it can be mounted even where space is at a premium.
In the light holder supplied, the light can swivel and the lighting can therefore be optimally aligned.
The satin-finished plastic cover prevents glare for the machine operator.
Why buy this product
 Narrow design enables mounting even in confined spaces
 Ready to connect by means of punched-on 3 m supply line
 Focused illumination, thanks to swivel action
 IP67 protection enables use even in wet environments
 ETL approval permits use on the North American market
 Particularly economical thanks to energy-efficient LED technology and an LED service life of at least 50,000 h
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626213682
Technical data
Dimensions
Width
22.5 mm
Height
23 mm
Length
196 mm
Ambient conditions
Ambient temperature (operation)
0 °C ... 40 °C
Ambient temperature (storage/transport)
-10 °C ... 50 °C


Similar Part No. - 2702475

ManufacturerPart No.DatasheetDescription
PHOENIX CONTACT
PHOENIX CONTACT
2702476 PHOENIX-2702476 Datasheet
62Kb / 3P
   LED machine light - PLD M 160 W-95/105 336
2702477 PHOENIX-2702477 Datasheet
62Kb / 3P
   LED machine light - PLD M 160 W-95/105 616
2702478 PHOENIX-2702478 Datasheet
61Kb / 3P
   LED machine light - PLD M 160 W-95/105 896
2702479 PHOENIX-2702479 Datasheet
62Kb / 3P
   LED machine light - PLD M 160 W-95/105 1176
More results

Similar Description - 2702475

ManufacturerPart No.DatasheetDescription
Cynergy3 Co
Cynergy3 Co
LM10WRAS CYNERGY3-LM10WRAS Datasheet
67Kb / 2P
   This small design of switch is for use in more confined spaces
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
   switch for turbulent liquids & confined spaces
List of Unclassifed Manufacturers
List of Unclassifed Man...
00433 ETC2-00433 Datasheet
24Kb / 1P
   A RANGE OF OFFSET SECRWDRIVERS FOR WORKING IN CONFINED OR DIFFICULT SPACES
PHOENIX CONTACT
PHOENIX CONTACT
Q-LEVER PHOENIX-Q-LEVER Datasheet
48Kb / 2P
   QUICKON lever tool, with angled head for confined spaces
CTS Corporation
CTS Corporation
766 CTS-766_16 Datasheet
99Kb / 4P
   Narrow Body Design
766163330G CTS-766163330G Datasheet
99Kb / 4P
   Narrow Body Design
766163220G CTS-766163220G Datasheet
99Kb / 4P
   Narrow Body Design
List of Unclassifed Manufacturers
List of Unclassifed Man...
37026 ETC-37026 Datasheet
280Kb / 1P
   Ideal for use with indexable carbide tooling and also for working in confined spaces
PHOENIX CONTACT
PHOENIX CONTACT
3212200 PHOENIX-3212200 Datasheet
82Kb / 5P
   The compact design and front connection enable wiring in a confined space
1037089 PHOENIX-1037089 Datasheet
80Kb / 4P
   The compact design and front connection enable wiring in a confined space
More results


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz