Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA15E1200NPZ Datasheet(PDF) 5 Page - IXYS Corporation

Part # CLA15E1200NPZ
Description  Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CLA15E1200NPZ Datasheet(HTML) 5 Page - IXYS Corporation

  CLA15E1200NPZ Datasheet HTML 1Page - IXYS Corporation CLA15E1200NPZ Datasheet HTML 2Page - IXYS Corporation CLA15E1200NPZ Datasheet HTML 3Page - IXYS Corporation CLA15E1200NPZ Datasheet HTML 4Page - IXYS Corporation CLA15E1200NPZ Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CLA15E1200NPZ
0,01
0,1
1
60
80
100
120
140
0,5
1,0
1,5
2,0
2,5
0
10
20
30
40
50
100
101
102
103
104
0,0
0,2
0,4
0,6
0,8
1,0
I
TSM
[A]
I
T
[A]
V
T [V]
t [ms]
Z
thJC
[K/W]
2
3
4 5 6 7 8 9 0
1
1
10
100
1000
I
2t
[A
2s]
t [ms]
I
T(AV)M
[A]
T
C [°C]
0
25
50
75 100 125 150 175
0
10
20
30
40
Fig. 1 Forward characteristics
Fig. 3 I
2t versus time (1-10 ms)
t [s]
Fig. 6 Max. forward current
at case temperature
Fig. 2 Surge overload current
Fig. 8 Transient thermal impedance
T
VJ = 25°C
T
VJ = 125°C
T
VJ = 45°C
50 Hz, 80% V
RRM
T
VJ = 125°C
T
VJ = 45°C
V
R = 0 V
0
10
0
5
10
15
20
25
30
I
T(AV) [A]
P
(AV)
[W]
Fig. 7a Power dissipation versus direct output current
Fig. 7b and ambient temperature
0
50
100
150
T
amb [°C]
dc =
1
0.5
0.4
0.33
0.17
0.08
10
100
1000
1
10
100
1000
I
G [mA]
V
G
[V]
t
gd
[µs]
I
G [mA]
typ.
Limit
T
VJ = 125°C
Fig. 4 Gate trigger characteristics
Fig. 5 Gate controlled delay time
dc =
1
0.5
0.4
0.33
0.17
0.08
T
VJ = 125°C
T
VJ = 150°C
R
thHA
0.4
0.6
0.8
1.0
2.0
4.0
0
25
50
75
0
1
2
3
4
I
GD: TVJ = 125°C
I
GD: TVJ = 25°C
A
B
B
B
C
R
thi [K/W]
t
i [s]
0.120
0.0100
0.100
0.0011
0.220
0.0250
0.245
0.3200
0.265
0.0900
Thyristor
IXYS reserves the right to change limits, conditions and dimensions.
20151028a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2015 IXYS all rights reserved


Similar Part No. - CLA15E1200NPZ

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLA15E1200NPB IXYS-CLA15E1200NPB Datasheet
172Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
More results

Similar Description - CLA15E1200NPZ

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CLA30E1200NPZ IXYS-CLA30E1200NPZ Datasheet
465Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA15E1200NPB IXYS-CLA15E1200NPB Datasheet
172Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
CLA40E1200NPZ IXYS-CLA40E1200NPZ Datasheet
461Kb / 5P
   Two Quadrants Operation QI & QII Single Thyristor with two gate polarities
logo
Diotec Semiconductor
FT2000AA DIOTEC-FT2000AA Datasheet
114Kb / 2P
   Superfast Silicon Rectifiers - Single Diode / Two Polarities
logo
IXYS Corporation
CLA40MT1200NPB IXYS-CLA40MT1200NPB Datasheet
175Kb / 5P
   Three Quadrants operation: QI - QIII 1~ Triac
logo
Diotec Semiconductor
FT2000AA DIOTEC-FT2000AA_13 Datasheet
124Kb / 2P
   Superfast Silicon Rectifiers - Single Diode / Two Polarities
FR20AAD2 DIOTEC-FR20AAD2 Datasheet
134Kb / 2P
   Superfast Silicon Rectifiers ??Single Diode / Two Polarities
FT2000AA DIOTEC-FT2000AA_15 Datasheet
124Kb / 2P
   Superfast Silicon Rectifiers-Single Diode / Two Polarities
logo
IXYS Corporation
CLA30MT1200NPZ IXYS-CLA30MT1200NPZ Datasheet
454Kb / 5P
   Three Quadrants operation: QI - QIII 1~ Triac
CLA40MT1200NHR IXYS-CLA40MT1200NHR Datasheet
372Kb / 5P
   Three Quadrants operation: QI - QIII 1~ Triac
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com