Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBFP420B Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # SBFP420B
Description  UHF to C Band Low Noise Amplifier, Oscillation Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP420B Datasheet(HTML) 3 Page - Sanyo Semicon Device

  SBFP420B Datasheet HTML 1Page - Sanyo Semicon Device SBFP420B Datasheet HTML 2Page - Sanyo Semicon Device SBFP420B Datasheet HTML 3Page - Sanyo Semicon Device SBFP420B Datasheet HTML 4Page - Sanyo Semicon Device SBFP420B Datasheet HTML 5Page - Sanyo Semicon Device SBFP420B Datasheet HTML 6Page - Sanyo Semicon Device SBFP420B Datasheet HTML 7Page - Sanyo Semicon Device SBFP420B Datasheet HTML 8Page - Sanyo Semicon Device SBFP420B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SBFP420B
No.7434-3/15
Collector Current, IC -- mA
Ambient Temperature, Ta --
°C
Input Level, Pin -- dBm
--45
--40
--35
--30
--25
--20
--15
--10
--5
0
5
10
--25
--20
--10
--15
--5
10
5
0
15
20
25
Pin -- Pout
IT05739
010
5
152025303540
0
0.5
1.5
2.0
3.5
1.0
2.5
3.0
NF -- IC
IT05738
Zs=50
Zs=Zsopt
Zs=Zsop
Zs=50
VCE=1V
f=1.8GHz
f=1.8GHz
VCE=3V
IC=20mA
40
20
80
60
100
120
0
0
20
40
60
80
100
120
140
160
PC -- Ta
IT05740
Collector Current, IC -- mA
Collector Current, IC -- mA
1.0
23
5
7
3
5
7
10
2
100
S21e2 -- IC
IT05736
0
5
10
30
25
20
15
VCE=3V
010
5
152025303540
0
0.5
1.5
2.0
3.5
1.0
2.5
3.0
NF -- IC
IT05737
Zs=50
Zs=Zsopt
VCE=3V
f=1.8GHz
1V
f=1.8GHz
Collector Current, IC -- mA
Collector-to-Base Voltage, VCB -- V
0.1
23
5
7
1.0
23
5
7
10
1.0
2
3
5
7
3
5
7
10
2
100
1.0
23
2
100
57
3
5
7
10
f T -- IC
IT05733
0.1
2
5
7
1.0
3
Cre -- VCB
IT05735
f=1MHz
f=1.8GHz
VCE=3V
1V


Similar Part No. - SBFP420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420M SANYO-SBFP420M Datasheet
46Kb / 2P
   UHF to C Band Low-Noise Amplifier Low Phase Noise Osc.Applications
SBFP420MA SANYO-SBFP420MA Datasheet
79Kb / 14P
   SBFP420MA
More results

Similar Description - SBFP420B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP540B SANYO-SBFP540B Datasheet
71Kb / 15P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP420D SANYO-SBFP420D Datasheet
61Kb / 12P
   UHF to C Band Low Noise Amplifier, Oscillation Applications
SBFP540M SANYO-SBFP540M Datasheet
75Kb / 16P
   UHF to C Band Low Noise Amplifier, Low Phase Noise Oscillation Applications
logo
Toshiba Semiconductor
2SC1551 TOSHIBA-2SC1551 Datasheet
269Kb / 5P
   UHF~C Band Low Noise Amplifier Applications
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
logo
Toshiba Semiconductor
2SC3011 TOSHIBA-2SC3011 Datasheet
223Kb / 4P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SC3098 TOSHIBA-2SC3098 Datasheet
210Kb / 3P
   TRANSISTOR (UHF~C BAND LOW NOISE AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SC6024 SANYO-2SC6024 Datasheet
84Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC6023-TR-E SANYO-2SC6023-TR-E Datasheet
847Kb / 15P
   UHF to C Band Low-Noise Amplifier and OSC Applications
2SC5490 SANYO-2SC5490 Datasheet
39Kb / 4P
   UHF to S Band Low-Noise Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com