Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2702397 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2702397
Description  SFP module with a data transmission speed of 1000 Mbps, a wavelength of 1310 nm, and a maximum transmission length of 2 km.
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2702397 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/2702397
08/14/2018   Page 1 / 3
Media module - FL SFP SX2 - 2702397
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Gigabit SFP module for transmission up to 2 km with a wavelength of 1310 nm.
Product Description
SFP module with a data transmission speed of 1000 Mbps, a wavelength of 1310 nm, and a maximum transmission length of 2 km.
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626163161
Technical data
Dimensions
Width
13.7 mm
Height
8.95 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 75 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C (non-condensing)
Interfaces
Interface 2
Ethernet FO
No. of ports
1 (LC multi-mode)
Transmission physics
multi-mode fiberglass
Transmission speed
1 Gbps
Transmission length
2 km (Fiberglass 50/125)
1 km (Fiberglass 62.5/125)
Wavelength
1310 nm
Signal LEDs
depending on the Factoryline device


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn