Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA0963 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # RMPA0963
Description  Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMPA0963 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  RMPA0963 Datasheet HTML 1Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 2Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 3Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 4Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 5Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 6Page - Fairchild Semiconductor RMPA0963 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
www.fairchildsemi.com
RMPA0963
i-Lo™ Rev. E
i-L
o™
4
5
6
8
3,7,9,10
SMA1
RF IN
SMA2
RF OUT
Vcc1
Vcc2
(package base)
50 Ohm TRL
50 Ohm TRL
3.3
µF
1
Vref
3.3
µF
330 pF
1000 pF
1000 pF
0.1
µF
2
Vmode
11
Evaluation Board Layout
Materials List
Evaluation Board Schematic
Qty
Item No.
Part Number
Description
Vendor
1
1
G657549-1 V2
PC Board
Fairchild
2
2
#142-0701-841
SMA Connector
Johnson
8
3
#2340-5211TN
Terminals
3M
Ref
4
G657583
Assembly, RMPA0963
Fairchild
2
5
GRM39X7R102K50V
1000pF Capacitor (0603)
Murata
2
5 (Alt)
ECJ-1VB1H102K
1000pF Capacitor (0603)
Panasonic
2
6
C3216X5R1A335M
3.3µF Capacitor (1206)
TDK
1
7
GRM39Y5V104Z16V
0.1µF Capacitor (0603)
Murata
1
7 (Alt)
ECJ-1VB1C104K
0.1µF Capacitor (0603)
Panasonic
1
8
GRM39X7R331K50V
330pF Capacitor (0603)
Murata
A/R
9
SN63
Solder Paste
Indium Corp.
A/R
10
SN96
Solder Paste
Indium Corp.
1
2
4
5
3
7
5
6
6
8


Similar Part No. - RMPA0963

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA0966 FAIRCHILD-RMPA0966_07 Datasheet
189Kb / 7P
   WCDMA Band V Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
More results

Similar Description - RMPA0963

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA0966 FAIRCHILD-RMPA0966 Datasheet
494Kb / 7P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967 Datasheet
142Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA0967 FAIRCHILD-RMPA0967_06 Datasheet
548Kb / 8P
   Cellular CDMA, CDMA2000-1X and WCDMA Power Edg TM Power Amplifier Module
RMPA1963 FAIRCHILD-RMPA1963 Datasheet
102Kb / 7P
   US-PCS CDMA, CDMA2000-1X and WCDMA Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965 Datasheet
111Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765 Datasheet
534Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1765 FAIRCHILD-RMPA1765_06 Datasheet
578Kb / 8P
   K-PCS, CDMA, CDMA2000-1X and WCDMA Power Edge Power Amplifier Module
RMPA1965 FAIRCHILD-RMPA1965_06 Datasheet
507Kb / 9P
   US-PCS CDMA, CDMA2000-1X and WCDMA PowerEdge TM Power Amplifier Module
RMPA0959 FAIRCHILD-RMPA0959 Datasheet
519Kb / 13P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
RMPA0965 FAIRCHILD-RMPA0965 Datasheet
522Kb / 8P
   CDMA and CDMA2000-1X PowerEdge Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com