Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLD65MZT2 Datasheet(PDF) 3 Page - Rohm

Part # RLD65MZT2
Description  DVD-ROM, Combination red laser diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLD65MZT2 Datasheet(HTML) 3 Page - Rohm

  RLD65MZT2 Datasheet HTML 1Page - Rohm RLD65MZT2 Datasheet HTML 2Page - Rohm RLD65MZT2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - RLD65MZT2

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD65MZT1 ROHM-RLD65MZT1 Datasheet
75Kb / 2P
   DVD-ROM red laser diode
RLD65MZT7 ROHM-RLD65MZT7 Datasheet
712Kb / 9P
   650nm Red Single Mode Laser Diode
More results

Similar Description - RLD65MZT2

ManufacturerPart #DatasheetDescription
logo
Rohm
RLD65MZT1 ROHM-RLD65MZT1 Datasheet
75Kb / 2P
   DVD-ROM red laser diode
logo
Sharp Corporation
GH06510B2A SHARP-GH06510B2A Datasheet
45Kb / 3P
   RED LASER DIODE FOR DVD ROM DRIVE
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
RLD2WMUV2 ROHM-RLD2WMUV2 Datasheet
86Kb / 3P
   DVD-ROM / player single mode 2wavelength laser diode
RLD65PZB5 ROHM-RLD65PZB5 Datasheet
46Kb / 3P
   DVD-Record, High power red laser diode
logo
Sharp Corporation
LT051PS SHARP-LT051PS Datasheet
43Kb / 3P
   High Power Red Laser Diode for DVD-R/DVD-RW Drive(635nm-30mW)
logo
List of Unclassifed Man...
SLD1236VL ETC2-SLD1236VL Datasheet
69Kb / 2P
   High-Power Red Laser Diode Supports 횞16-Speed DVD Recording
logo
ATMEL Corporation
ATR0885 ATMEL-ATR0885 Datasheet
130Kb / 6P
   3-output Laser Driver for HD-DVD/ Blu-ray/DVD/ CD-ROM
logo
Sanyo Semicon Device
DL-3247-165 SANYO-DL-3247-165 Datasheet
38Kb / 2P
   RED LASER DIODE
logo
Sharp Corporation
LT050PS SHARP-LT050PS Datasheet
23Kb / 1P
   Red Laser Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com