Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCD188R72A102KA01 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # GCD188R72A102KA01
Description  MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCD188R72A102KA01 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GCD188R72A102KA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCD188R72A102KA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCD188R72A102KA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCD188R72A102KA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCD188R72A102KA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCD188R72A102KA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCD188R72A102KA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCD188R72A102KA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GCD188R72A102KA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
21 Capacitance Temperature
R7 : Within +/-15%
The capacitance change should be measured after 5 minutes
Characteristics
   (-55℃ to +125℃)
at each specified temp. stage.
Capacitance value as a reference is the value in step 3.
· Initial measurement
Perform a heat treatment at 150+0/-10°C for 1h and then
let sit for 24+/-2h at room temperature,then measure.
■AEC-Q200 Murata Standard Specification and Test Methods
No
AEC-Q200 Test Item
Specification.
AEC-Q200 Test Method
Step
Temperature(
C)
1
Reference Temp.+/-2
2
Min. Operating Temp.+/-3
3
Reference Temp.+/-2
4
Max. Operating Temp.+/-3
5
Reference Temp.+/-2
JEMCGS-00806D
6


Similar Part No. - GCD188R72A102KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCD188R72A102KA01 MURATA1-GCD188R72A102KA01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCD188R72A102KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCD188R72A272KA01 MURATA1-GCD188R72A272KA01 Datasheet
788Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
18/21/31
logo
Murata Manufacturing Co...
GCD188R71H102KA01 MURATA-GCD188R71H102KA01 Datasheet
788Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCD21BR72A104KA01 MURATA-GCD21BR72A104KA01 Datasheet
792Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCE21BR72A104KA01 MURATA-GCE21BR72A104KA01 Datasheet
737Kb / 26P
   Soft Termination MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCE21BR71H104KA01 MURATA-GCE21BR71H104KA01 Datasheet
733Kb / 26P
   Soft Termination MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
GCD216R71H222KA01 MURATA1-GCD216R71H222KA01 Datasheet
752Kb / 28P
   Chip Monolithic Ceramic Capacitor MLSC Serial for Automotive
Jun.6,2016
logo
Murata Manufacturing Co...
GCD21BR72A103KA01 MURATA-GCD21BR72A103KA01 Datasheet
751Kb / 28P
   Chip Monolithic Ceramic Capacitor MLSC Serial for Automotive
GCM1555C1H681JA16 MURATA-GCM1555C1H681JA16 Datasheet
839Kb / 29P
   Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H8R2CA16 MURATA-GCM1555C1H8R2CA16 Datasheet
836Kb / 29P
   Chip Multilayer Ceramic Capacitors for Automotive
GCM155R72A102JA37 MURATA-GCM155R72A102JA37 Datasheet
834Kb / 29P
   Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com