Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GCD21BR72A104KA01 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GCD21BR72A104KA01
Description  MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GCD21BR72A104KA01 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GCD21BR72A104KA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GCD21BR72A104KA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GCD21BR72A104KA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GCD21BR72A104KA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GCD21BR72A104KA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GCD21BR72A104KA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GCD21BR72A104KA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GCD21BR72A104KA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GCD21BR72A104KA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
14 Thermal Shock
The measured and observed characteristics should satisfy the
Solder the capacitor on the test substrate(glass epoxy board).
specifications in the following table.
Perform the 300 cycles according to the two heat treatments listed
Appearance
No marking defects
in the following table(Maximum transfer time is 20s).
Set for 24+/-2h at room temperature, then measure.
Capacitance
Within +/-10.0%
Change
D.F.
Within the specified initial value.
・ Initial measurement
I.R.
Within the specified initial value.
Perform a heat treatment at 150+0/-10 ℃for 1h and then sit
25℃
for 24+/-2h at room temperature.Perform the initial measurement.
15 ESD
Appearance
No marking defects
Per AEC-Q200-002
Capacitance
Within the specified initial value.
D.F.
Within the specified initial value.
I.R.
Within the specified initial value.
25℃
16 Solderability
(a) Preheat at 155℃ for 4h. After preheating, immerse the capacitor
   in a solution of rosin ethanol 25(mass)%.
  Immerse in Sn-3.0Ag-0.5Cu solder solution at 245+/-5℃ or
an eutectic solder solution at 235+/-5℃ for 5+0/-0.5s.
(b) should be placed into steam aging for 8h+/-15min.
   After preheating, immerse the capacitor in a solution of rosin
   ethanol 25(mass)%.
   Immerse in Sn-3.0Ag-0.5Cu solder solution at 245+/-5℃
   or an eutectic solder solution at 235+/-5℃ for 5+0/-0.5s.
(c) should be placed into steam aging for 8h+/-15min.
   After preheating, immerse the capacitor in a solution of rosin
   ethanol 25(mass)%.
  Immerse in Sn-3.0Ag-0.5Cu solder solution or
an eutectic solder solution for 120+/-5s at 260+/-5℃.
17 Electrical
Appearance
No defects or abnormalities
Visual inspection.
Chatacteri-
zation
Capacitance
Shown in Rated value.
The capacitance/D.F. should be measured at 25℃ at the
frequency and voltage shown in the table.
D.F.
0.025 max.
I.R. 25℃
More than 10,000MΩ or 500Ω・F
The insulation resistance should be measured with a DC voltage not
(Whichever is smaller)
exceeding the rated voltage at 25℃ and 125℃ within 2minutes of
charging.
I.R. 125℃
More than 1,000MΩ or 10Ω・F
(Whichever is smaller)
Dielectric
No failure
No failure should be observed when 250% of the rated voltage is
Strength
applied between the terminations for 1 to 5s, provided the
charge/discharge current is less than 50mA.
■AEC-Q200 Murata Standard Specification and Test Methods
No
AEC-Q200 Test Item
Specification.
AEC-Q200 Test Method
95% of the terminations is to be soldered evenly and continuously.
Char.
Item
10V min.
(C≦10μF)
Frequency
1.0+/-0.1kHz
Voltage
1.0+/-0.2Vrms
Step
1
2
Temp.(℃)
Min.Operating Temp.
+0/-3
Max.Operating Temp.
+3/-0
Time
(min.)
15+/-3
15+/-3
JEMCGS-02081C
4


Similar Part No. - GCD21BR72A104KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCD21BR72A104KA01 MURATA1-GCD21BR72A104KA01 Datasheet
3Mb / 99P
   Chip Monolithic Ceramic Capacitors for Automotive
Sep 23,2016
More results

Similar Description - GCD21BR72A104KA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCD188R72A272KA01 MURATA1-GCD188R72A272KA01 Datasheet
788Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
18/21/31
logo
Murata Manufacturing Co...
GCD188R71H102KA01 MURATA-GCD188R71H102KA01 Datasheet
788Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCD188R72A102KA01 MURATA-GCD188R72A102KA01 Datasheet
792Kb / 28P
   MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCE21BR72A104KA01 MURATA-GCE21BR72A104KA01 Datasheet
737Kb / 26P
   Soft Termination MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
GCE21BR71H104KA01 MURATA-GCE21BR71H104KA01 Datasheet
733Kb / 26P
   Soft Termination MLSC Design Chip Multilayer Ceramic Capacitors for Automotive
logo
Murata Manufacturing Co...
GCD216R71H222KA01 MURATA1-GCD216R71H222KA01 Datasheet
752Kb / 28P
   Chip Monolithic Ceramic Capacitor MLSC Serial for Automotive
Jun.6,2016
logo
Murata Manufacturing Co...
GCD21BR72A103KA01 MURATA-GCD21BR72A103KA01 Datasheet
751Kb / 28P
   Chip Monolithic Ceramic Capacitor MLSC Serial for Automotive
GCM1555C1H681JA16 MURATA-GCM1555C1H681JA16 Datasheet
839Kb / 29P
   Chip Multilayer Ceramic Capacitors for Automotive
GCM1555C1H8R2CA16 MURATA-GCM1555C1H8R2CA16 Datasheet
836Kb / 29P
   Chip Multilayer Ceramic Capacitors for Automotive
GCM155R72A102JA37 MURATA-GCM155R72A102JA37 Datasheet
834Kb / 29P
   Chip Multilayer Ceramic Capacitors for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com