Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM150CLA060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM150CLA060
Description  MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM150CLA060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM150CLA060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM150CLA060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM150CLA060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM150CLA060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM150CLA060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM150CLA060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM150CLA060
FLAT-BASE TYPE
INSULATED PACKAGE
Apr. 2004
* If you use this value, Rth(f-a) should be measured just under the chips.
(Note-2) Tc (under the chip) measurement point is below.
Parameter
Symbol
Supply Voltage Protected by
SC
Supply Voltage (Surge)
Module Case Operating
Temperature
Storage Temperature
Isolation Voltage
Condition
VCC(surge)
TC
Tstg
Viso
Ratings
VCC(PROT)
400
500
–20 ~ +100
–40 ~ +125
2500
Unit
V
°C
°C
Vrms
V
VD = 13.5 ~ 16.5V, Inverter Part,
Tj = +125
°C Start
Applied between : P-N, Surge value
(Note-1)
60Hz, Sinusoidal, Charged part to Base, AC 1 min.
(Note-1) Tc (base plate) measurement point is below.
2.1
2.0
3.3
2.4
0.4
1.0
2.5
1.0
1
10
Min.
Typ.
Max.
Collector-Emitter
Saturation Voltage
Collector-Emitter
Cutoff Current
–IC = 150A, VD = 15V, VCIN = 15V
(Fig. 2)
Tj = 25
°C
Tj = 125
°C
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Parameter
Symbol
Condition
VCE(sat)
ICES
VEC
ton
trr
tc(on)
toff
tc(off)
Limits
0.5
1.6
1.5
2.2
1.0
0.2
0.4
1.2
0.5
Tj = 25
°C
Tj = 125
°C
FWDi Forward Voltage
Switching Time
VD = 15V, VCIN = 0V
↔15V
VCC = 300V, IC = 150A
Tj = 125
°C
Inductive Load
(Fig. 3,4)
VCE = VCES, VCIN = 15V
(Fig. 5)
VD = 15V, IC = 150A
VCIN = 0V, Pulsed
(Fig. 1)
TOTAL SYSTEM
V
mA
V
µs
Unit
0.20*
0.33*
0.26
0.43
0.038
°C/W
Rth(j-c)Q
Rth(j-c)F
Rth(j-c)Q
Rth(j-c)F
Rth(c-f)
Inverter IGBT part (per 1/6)
(Note-2)
Inverter FWDi part (per 1/6)
(Note-2)
Inverter IGBT part (per 1/6)
(Note-1)
Inverter FWDi part (per 1/6)
(Note-1)
Case to fin, (per 1 module)
Thermal grease applied
(Note-1)
Symbol
Condition
Unit
Min.
Junction to case Thermal
Resistances
THERMAL RESISTANCES
Contact Thermal Resistance
Parameter
Limits
Typ.
Max.
UP
IGBT
28.3
–7.7
VP
WP
UN
VN
WN
FWDi
28.3
2.4
IGBT
65.0
–7.7
FWDi
65.0
2.4
IGBT
87.0
–7.7
FWDi
87.0
2.4
IGBT
39.3
5.7
FWDi
39.3
–4.4
IGBT
54.0
5.7
FWDi
54.0
–4.4
IGBT
76.0
5.7
FWDi
76.0
–4.4
arm
axis
X
Y
Bottom view
(unit : mm)
Top view
Tc


Similar Part No. - PM150CLA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150CLA060 MITSUBISHI-PM150CLA060_05 Datasheet
119Kb / 8P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM150CLA060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RLB060 MITSUBISHI-PM50RLB060 Datasheet
99Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RSE120 MITSUBISHI-PM150RSE120 Datasheet
122Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RSE060 MITSUBISHI-PM50RSE060 Datasheet
135Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM300CLA120 MITSUBISHI-PM300CLA120 Datasheet
249Kb / 7P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com