Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI6CVF857NF Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6CVF857NF
Description  1:10 PLL Clock Driver for 2.5V DDR-SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CVF857NF Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6CVF857NF Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CVF857NF Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
PS8683B
10/17/03
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI6CVF857
1:10 PLL Clock Driver for
2.5V DDR-SDRAM Memory
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
TA
D
D
V
V
,
Q
D
D
.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V K
I
s
t
u
p
n
i
ll
AII
A
m
8
1
=V
3
.
22
.
1
V
V H
O
e
g
a
tl
o
v
t
u
p
t
u
o
h
g
i
H
I H
O
A
µ
0
0
1
=V
7
.
2
o
t
3
.
2V Q
D
D
–1
.
0
I H
O
A
m
2
1
=V
3
.
27
.
1
V L
O
e
g
a
tl
o
v
t
u
p
t
u
o
w
o
L
I L
O
A
µ
0
0
1
=V
7
.
2
o
t
3
.
21
.
0
I L
O
A
m
2
1
=V
3
.
26
.
0
II
N
I
B
F
,
K
L
CVI V
=
Q
D
D
D
N
G
r
oV
7
.
2
0
1
±
A
µ
N
W
D
R
W
PVI V
=
Q
D
D
D
N
G
r
oV
7
.
2
I
D
P
D
D
I
t
n
e
r
r
u
c
y
l
p
p
u
s
c
it
a
t
S
Q
D
D
I
+
D
D
A
,
z
H
M
0
=
K
L
C
&
K
L
C
w
o
L
=
N
W
D
R
W
P
0
0
2
I Q
D
D
V
f
o
t
n
e
r
r
u
c
y
l
p
p
u
s
c
i
m
a
n
y
D
Q
D
D
z
H
M
0
7
1
=
K
L
C
&
K
L
C
n
e
p
o
e
r
a
s
t
u
p
t
u
o
ll
A
V
7
.
20
0
3A
m
I D
D
A
V
A
f
o
t
n
e
r
r
u
c
y
l
p
p
u
s
c
i
m
a
n
y
D
D
D
z
H
M
0
7
1
=
K
L
C
&
K
L
CV
7
.
22
1A
m
CI
K
L
C
d
n
a
K
L
C
VI V
=
Q
D
D
D
N
G
r
oV
5
.
20
.
25
.
3
F
p
N
I
B
F
d
n
a
N
I
B
F
C (I )
K
L
C
d
n
a
K
L
C
)
5
(
VI V
=
Q
D
D
D
N
G
r
oV
5
.
2–
5
2
.
05
2
.
0
N
I
B
F
d
n
a
N
I
B
F
)
5
(
Note:
4. The maximum power-down clock frequency is below 20 MHz.
5. Guaranteed by design, but not production tested.
Electrical Characteristics for PC1600 ~ PC2700 (Over recommended operating free-air temperature)
Notes:
1. The PLL is able to handle spread spectrum induced skew.
2. Operating clock frequency indicates a range over which the PLL is able to lock, but in which the clock is not required to meet the other timing
parameters. (Used for low-speed debug).
3. Application clock frequency indicates a range over which the PLL meets all of the timing parameters.
Timing Requirements for PC1600 ~ PC2700 (Over recommended operating free-air temperature)
l
o
b
m
y
Sn
o
i
t
p
i
r
c
s
e
D
V
A
D
D
V
,
Q
D
D
V
2
.
0
±
V
5
.
2
=
s
t
i
n
U
.
n
i
M.
x
a
M
f K
C
y
c
n
e
u
q
e
r
f
k
c
o
l
c
g
n
it
a
r
e
p
O
)
2
,
1
(
0
60
7
1
z
H
M
y
c
n
e
u
q
e
r
f
k
c
o
l
c
n
o
it
a
c
il
p
p
A
)
3
(
5
90
7
1
t C
D
e
l
c
y
c
y
t
u
d
k
c
o
l
c
t
u
p
n
I0
40
6%
t
B
A
T
S
p
u
r
e
w
o
p
r
e
tf
a
e
m
it
n
o
it
a
z
il
i
b
a
t
s
L
L
P
0
0
1s
µ


Similar Part No. - PI6CVF857NF

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV2304 PERICOM-PI6CV2304 Datasheet
218Kb / 8P
   160 MHz Clock Buffers
PI6CV2304 PERICOM-PI6CV2304 Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
218Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
   160 MHz Clock Buffers
PI6CV2304L PERICOM-PI6CV2304L Datasheet
333Kb / 8P
   160 MHz Clock Buffers
More results

Similar Description - PI6CVF857NF

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
   PLL Clock Driver for 2.5V DDR-SDRAM Memory
PI6CV855 PERICOM-PI6CV855 Datasheet
303Kb / 9P
   PLL Clock Driver for 2.5V SSTL 2 DDR SDRAM Memory
logo
Renesas Technology Corp
MPC96877 RENESAS-MPC96877 Datasheet
706Kb / 14P
   1.8 V PLL 1:10 Differential SDRAM Clock Driver
2019
logo
Integrated Device Techn...
IDTCSPT857A IDT-IDTCSPT857A Datasheet
124Kb / 12P
   2.5V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
IDTCSPT857C IDT-IDTCSPT857C Datasheet
143Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857D RENESAS-CSPT857D Datasheet
347Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Integrated Device Techn...
IDTCSPT857D IDT-IDTCSPT857D Datasheet
138Kb / 15P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
logo
Renesas Technology Corp
CSPT857C RENESAS-CSPT857C Datasheet
348Kb / 16P
   2.5V - 2.6V PHASE LOCKED LOOP DIFFERENTIAL 1:10 SDRAM CLOCK DRIVER
NOVEMBER 2008
logo
Pericom Semiconductor C...
PI6CU877 PERICOM-PI6CU877 Datasheet
543Kb / 11P
   PLL Clock Driver for 1.8V DDR2 Memory
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com