Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7136 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE7136
Description  Integrated Circuit Vertical Deflection Power Amplifier for Monitors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7136 Datasheet(HTML) 3 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Functional Description (Cont’d):
Vertical Output
The vertical output stage is a quasi–complementary class–B amplifier with a high linearity. The output
contains SOAR (short–circuit protection) and thermal protection. The output current on Pin5 is re-
duced for a short time (to let the temperature decrease to TJ < +150°C), when the junction temperature
(TJ) exceeds +160°C.
Deflection GUARD
Pin9 will go HIGH if the junction temperature goes too high. A pulse signal with 50% duty cycle is out-
put on Pin9, if the deflection coil is open–circuit. A flyback pulse signal is output at normal conditions.
Further watching can be achieved by means of an external GUARD circuit. The 22
µF capacitor is
charged during flyback time (V5 > V8) at normal conditions. In case of failures, the capacitor is dis-
charged and the GUARD output goes HIGH.
GUARD output level:
D LOW for normal conditions
D HIGH for deflection coil short–circuit respectively open–circuit
D HIGH when there are neither input or output signals
VP1
VP2 (Vertical Output Stage)
Vertical Output
Differential Input Amp Input 1
VP3 (Flyback)
Pulse Circuit Output
Pin Connection Diagram
(Front View)
Substrate
Differential Input Amp Input 2
9
8
7
6
Flyback Generator Output
5
4
3
2
1


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn