Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL18CV8ZS-25 Datasheet(PDF) 1 Page - Anachip Corp

Part # PEEL18CV8ZS-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL18CV8ZS-25 Datasheet(HTML) 1 Page - Anachip Corp

  PEEL18CV8ZS-25 Datasheet HTML 1Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 2Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 3Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 4Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 5Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 6Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 7Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 8Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under
any patent accompany the sale of the product.
Rev. 1.0 Dec 16, 2004
1/10
Features
PEEL™ 18CV8Z-25
CMOS Programmable Electrically Erasable Logic Device
Ultra Low Power Operation
- Vcc = 5 Volts ±10%
- Icc = 10 µA (typical) at standby
- Icc = 2 mA (typical) at 1 MHz
CMOS Electrically Erasable Technology
- Superior factory testing
- Reprogrammable in plastic package
- Reduces retrofit and development costs
Application Versatility
- Replaces random logic
- Super set of standard PLDs
- Pin and JEDEC compatible with 16V8
- Ideal for use in power-sensitive systems
Architectural Flexibility
- Enhanced architecture fits in more logic
- 113 product terms x 36 input AND array
- 10 inputs and 8 I/O pins
- 12 possible macrocell configurations
- Asynchronous clear, Synchronous preset
- Independent output enables
- Programmable clock; pin 1 or p-term
- Programmable clock polarity
- 20 Pin DIP/SOIC/TSSOP and PLCC
General Description
The PEEL™18CV8Z is a Programmable Electrically Erasable
Logic (PEEL™) SPLD (Simple Programmable Logic Device)
that features ultra-low, automatic “zero” power-down operation.
The “zero power” (100 µA max. Icc) power-down mode makes the
PEEL™18CV8Z ideal for a broad range of battery-powered
portable equipment applications, from hand-held meters to PCM-
CIA modems. EE-reprogrammability provides both the conve-
nience of fast reprogramming for product development and quick
product personalization in manufacturing, including Engineering
Change Orders.
Figure 7 Pin Configuration
The PEEL™18CV8Z is logically and functionally similar to
Anachip’s 5 Volt PEEL™18CV8 and 3 Volt PEEL™18LV8Z.
The
differences
between
the
PEEL™18CV8Z
and
PEEL™18CV8 include the addition of programmable clock
polarity, a product term clock, and variable width product terms in
the AND/OR Logic Array.
Like the PEEL™18CV8, the PEEL™18CV8Z is logical superset
of the industry standard PAL16V8 SPLD. The PEEL™18CV8Z
provides additional architectural features that allow more logic to
be incorporated into the design. Anachip’s JEDEC file translator
allows easy conversion of existing 20 pin PLD designs to the
PEEL™18CV8Z architecture without the need for redesign. The
PEEL™18CV8Z architecture allows it to replace over twenty
standard 20-pin DIP, SOIC, TSSOP and PLCC packages.
I/CLK
1
I
2
I
3
I
4
I
5
I
6
I
7
I
8
I
9
GND
10
20
VCC
19
I/O
18
I/O
17
I/O
16
I/O
15
I/O
14
I/O
13
I/O
12
I/O
11
I
Figure 8 Block Diagram
CLK MUX (Optional)
DIP
TSSOP
PLCC
SOIC


Similar Part No. - PEEL18CV8ZS-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL18CV8 ETC-PEEL18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-10 ETC-PEEL18CV8J-10 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-15 ETC-PEEL18CV8J-15 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-25 ETC-PEEL18CV8J-25 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-5 ETC-PEEL18CV8J-5 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8ZS-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com