Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEEL18CV8ZS-25 Datasheet(PDF) 9 Page - Anachip Corp

Part # PEEL18CV8ZS-25
Description  CMOS Programmable Electrically Erasable Logic Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

PEEL18CV8ZS-25 Datasheet(HTML) 9 Page - Anachip Corp

Back Button PEEL18CV8ZS-25 Datasheet HTML 2Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 3Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 4Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 5Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 6Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 7Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 8Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 9Page - Anachip Corp PEEL18CV8ZS-25 Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Dec 16, 2004
9/10
PEEL™ Device and Array Test Loads
Technology
R1
R2
RL
VL
CL
CMOS
480kΩ
480kΩ
228Ω
2.375V
33 pF
TTL
235Ω
159Ω
95Ω
2.02V
33 pF
Ordering Information
Part Number
Speed
Temperature
Package
PEEL18CV8ZP-25 (L)
25ns
Commercial
20-pin Plastic DIP
PEEL18CV8ZJ-25 (L)
25ns
Commercial
20-pin PLCC
PEEL18CV8ZS-25 (L)
25ns
Commercial
20-pin SOIC
PEEL18CV8ZT-25 (L)
25ns
Commercial
20-pin TSSOP
PEEL18CV8ZPI-25 (L)
25ns
Industrial
20-pin Plastic DIP
PEEL18CV8ZJI-25 (L)
25ns
Industrial
20-pin PLCC
PEEL18CV8ZSI-25 (L)
25ns
Industrial
20-pin SOIC
PEEL18CV8ZTI-25 (L)
25ns
Industrial
20-pin TSSOP
Part Number
PEELTM18CV8Z PI-25X
Package
P = 20-pin Plastic 300mil DIP
S = 20-pin SOIC 300 mil Gullwing
Temperature Range
(Blank) = Commercial 0 to 70oC
Speed
Lead Free
Blank : Normal
L : Lead Free Package
J = 20-pin Plastic (J) Leaded Chip Carrier (PLCC)
Suffix
Device
T = 20-pin TSSOP 170mil
I = Industrial -40 to +85oC
-25 = 25ns tpd


Similar Part No. - PEEL18CV8ZS-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEEL18CV8 ETC-PEEL18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-10 ETC-PEEL18CV8J-10 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-15 ETC-PEEL18CV8J-15 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-25 ETC-PEEL18CV8J-25 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL18CV8J-5 ETC-PEEL18CV8J-5 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results

Similar Description - PEEL18CV8ZS-25

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
PEEL18LV8Z-25 ANACHIP-PEEL18LV8Z-25 Datasheet
260Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL22LV10AZ ANACHIP-PEEL22LV10AZ Datasheet
683Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
PEEL16CV8 ANACHIP-PEEL16CV8 Datasheet
386Kb / 11P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
PEEL22CV10 ETC-PEEL22CV10 Datasheet
247Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10A ANACHIP-PEEL22CV10A Datasheet
339Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
16CV8-25 ETC2-16CV8-25 Datasheet
168Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL22CV10AZ ANACHIP-PEEL22CV10AZ Datasheet
475Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
List of Unclassifed Man...
22LV10AZ-25 ETC2-22LV10AZ-25 Datasheet
139Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
18CV8 ETC-18CV8 Datasheet
411Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
logo
Anachip Corp
PEEL18LV8Z ANACHIP-PEEL18LV8Z Datasheet
230Kb / 10P
   CMOS Programmable Electrically Erasable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com