Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF1010A Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # PF1010A
Description  MOS FET Power Amplifier Module for P/C LAN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

PF1010A Datasheet(HTML) 1 Page - Hitachi Semiconductor

  PF1010A Datasheet HTML 1Page - Hitachi Semiconductor PF1010A Datasheet HTML 2Page - Hitachi Semiconductor PF1010A Datasheet HTML 3Page - Hitachi Semiconductor PF1010A Datasheet HTML 4Page - Hitachi Semiconductor PF1010A Datasheet HTML 5Page - Hitachi Semiconductor PF1010A Datasheet HTML 6Page - Hitachi Semiconductor PF1010A Datasheet HTML 7Page - Hitachi Semiconductor PF1010A Datasheet HTML 8Page - Hitachi Semiconductor PF1010A Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PF1010A
MOS FET Power Amplifier Module for P/C LAN
ADE-208-106A (Z)
2nd Edition
July 1996
Features
• Frequency range: 806 to 824 MHz
• Surface mounted small package: 1 cc, 3g with shielded cover
• Loe voltage operation: 6 V
• Low power control current: 300 µA Typ
Pin Arrangement
1: Pin
2: VAPC
3: VDD
4: Pout
5: GND
1
2 5
3
4
5
5
• RF-E


Similar Part No. - PF1010A

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF1010DF8 KEC-PF1010DF8 Datasheet
394Kb / 2P
   Silicon Planar Type Diode
PF1010UDF12 KEC-PF1010UDF12 Datasheet
49Kb / 2P
   ESD/EMI Filter
PF1010UDF12B KEC-PF1010UDF12B Datasheet
38Kb / 2P
   ESD/EMI Filter
PF1010UDF16 KEC-PF1010UDF16 Datasheet
39Kb / 2P
   ESD/EMI Filter
PF1010UDF16B KEC-PF1010UDF16B Datasheet
38Kb / 2P
   ESD/EMI Filter
More results

Similar Description - PF1010A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
   MOS FET Power Amplifier Module for VHF Band
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0341A HITACHI-PF0341A Datasheet
47Kb / 12P
   MOS FET Power Amplifier Module for UHF Band
PF01410A HITACHI-PF01410A Datasheet
25Kb / 4P
   MOS FET Power Amplifier Module for GSM Handy Phone
PF0210 HITACHI-PF0210 Datasheet
47Kb / 12P
   MOS FET Power Amplifier Module for ADC Mobile Phone
PF00105A HITACHI-PF00105A Datasheet
62Kb / 11P
   MOS FET Power Amplifier Module for AMPS Handy Phone
PF0121 HITACHI-PF0121 Datasheet
51Kb / 12P
   MOS FET Power Amplifier Module for GSM Mobile Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com