Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7135 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7135
Description  Integrated Circuit Vertical Deflection Power Amplifier for Monitors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7135 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE7135
Integrated Circuit
Vertical Deflection Power Amplifier for Monitors
Description:
The NTE7135 is a vertical power amplifier for differential input signals in a 9–Lead SIP type package
suitable for color monitor/TV systems with deflection frequencies up to 140Hz.
Features:
D Vertical Pre–Amplifier with Differential Inputs
D Powerless Vertical Shift
D Flyback Voltage Generation Suitable for Two Operating Modes (Doubling the Supply Voltage
or External Supply for the Short Flyback Time, this Achieves a Minimum of Power Dissipation)
D Vertical Output Stage with Thermal and SOAR Protection
D High Deflection Frequency up to 140Hz
D High Linear Sawtooth Signal Amplification
D Possibility of Guarding the Deflection
D Voltage Stabilizer
Absolute Maximum Ratings: (Voltages referenced to substrate (Pin6) unbless otherwise specified)
Supply Voltage (Pin1), VP1
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage (Pin4), VP2
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply Voltage (Pin8), VP3
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on Pin2, Pin3, and Pin9, V2, V3, V9
VP1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage on Pin5 and Pin7, V5, V7
60V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current on Pin4, I4
1A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Current on Pin5 (Peak Value, Note 1), I5 (M)
±1.3A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Flyback Current on Pin7 (Peak Value), I7 (M)
±1.3A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current on Pin9, I9
–8A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature (Note 1), TVJ
+168
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperatrure Range, TA
–20
° to +75°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–25
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
10K/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Handling for all Pins (Note 2), Ves
±300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Internally limited by thermal protection; switching temperature point at 160
±8°C
Note 2. Equivalent to discharging a 200pF capacitor throuhg a 0
Ω series resistor.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn