Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7134 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7134
Description  Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7134 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7134 Datasheet HTML 1Page - NTE Electronics NTE7134 Datasheet HTML 2Page - NTE Electronics NTE7134 Datasheet HTML 3Page - NTE Electronics NTE7134 Datasheet HTML 4Page - NTE Electronics NTE7134 Datasheet HTML 5Page - NTE Electronics NTE7134 Datasheet HTML 6Page - NTE Electronics NTE7134 Datasheet HTML 7Page - NTE Electronics NTE7134 Datasheet HTML 8Page - NTE Electronics NTE7134 Datasheet HTML 9Page - NTE Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Features (Cont’d):
EW Section
D Output for DC Adjustable EW Parabola
D DC Controllable Picture Width and Trapezium Correction
D Optional Tracking of EW Parabola with Line Frequency
D Prepared for Additional DC Controls of Vertical Linearity, EW–Corner, EW Pin Balance, EW
Parallelogram, Vertical Focus by Extended Application
Absolute Maximum Ratings: (All voltages measured with respect to GND)
Supply Voltage (Pin9), VCC
–0.5 to +16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltages, VI(n)
Pin5
–0.5 to +6.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin15, Pin17, Pin18, Pin19, Pin23, Pin28, Pin30
–0.5 to +6.5V
. . . . . . . . . . . . . . . . . . . . . . . .
Pin2
–0.5 to +8.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin10
–0.5 to +16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltages, VO(n)
Pin12, Pin13
–0.5 to +6.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin6, Pin7
–0.5 to +16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input/Output Voltages, VIO(n)
Pin3, Pin4
–0.5 to +6.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pin14
–0.5 to +6.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Horizontal Driver Output Current, IHDRV
–10 to +10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Horizontal Flyback Input Current, IHFLB
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Video Clamping Pulse/Vertical Blanking Output Current, ICLBL
–10mA
. . . . . . . . . . . . . . . . . . . . . . . .
B+ Control OTA Output Current, IBOP
1mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
B+ Control Driver Output Current, IBDRV
50mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
EW Driver Output Current, IEWDRV
–5mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Discharge for All Pins (Note 1), Vesd
Machine Model
±400V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Human Body Model
±3000V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperatrure Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient (In Free Air), RthJA
55K/W
. . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Machine model: 200pF, 25
Ω, 2.5µH; Human body model: 100pF, 1500Ω, 7.5µH.
Electrical Characteristics: (VP = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Horizontal Sync Separator
Input Characteristics for DC–Coupled TTL Signals [HSYNC (Pin15)]
Sync Input Signal Voltage
VDC(HSYNC)
1.7
V
Slicing Voltage Level
1.2
1.4
1.6
V
Rise Time of Sync Pulse
tr(HSYNC)
10
500
ns
Fall Time of Sync Pulse
tf(HSYNC)
10
500
ns
Minimum Width of Sync Pulse
tW(HSYNC)
0.7
µs
Input Current
IDC(HSYNC) VHSYNC = 0.8V
–200
µA
VHSYNC = 5.5V
µA


Similar Part No. - NTE7134

ManufacturerPart No.DatasheetDescription
NTE Electronics
NTE Electronics
NTE713 NTE-NTE713 Datasheet
24Kb / 2P
   Integrated Circuit Chroma Demod
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
More results

Similar Description - NTE7134

ManufacturerPart No.DatasheetDescription
NTE Electronics
NTE Electronics
NTE7133 NTE-NTE7133 Datasheet
46Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
NXP Semiconductors
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
NTE Electronics
NTE Electronics
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
NXP Semiconductors
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
NTE Electronics
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
NXP Semiconductors
NXP Semiconductors
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
NTE Electronics
NTE Electronics
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
NTE7136 NTE-NTE7136 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
STMicroelectronics
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
TDA8214B STMICROELECTRONICS-TDA8214B Datasheet
160Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz