Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7134 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7134
Description  Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7134 Datasheet(HTML) 1 Page - NTE Electronics

  NTE7134 Datasheet HTML 1Page - NTE Electronics NTE7134 Datasheet HTML 2Page - NTE Electronics NTE7134 Datasheet HTML 3Page - NTE Electronics NTE7134 Datasheet HTML 4Page - NTE Electronics NTE7134 Datasheet HTML 5Page - NTE Electronics NTE7134 Datasheet HTML 6Page - NTE Electronics NTE7134 Datasheet HTML 7Page - NTE Electronics NTE7134 Datasheet HTML 8Page - NTE Electronics NTE7134 Datasheet HTML 9Page - NTE Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
NTE7134
Integrated Circuit
Horizontal and Vertical Deflection Controller
for Monitors
Description:
The NTE7134 is a high performance and efficient solution for autosync monitors in a 32–Lead DIP
type package. The concept is fully DC controllable and can be used in applications with a microcon-
troller and stand–alone in rock bottom solutions.
This device provides synchronization processing, H + V synchronization with full autosync capability,
and very short setting times after mode changes. External power components are givena great deal
of protection. The IC generates the drive waveforms for DC–coupled vertical boosters.
The NTE7134 provides ectended functions e.g. as a flexible SMPS block and an extensive set of ge-
ometry control facilities, providing excellent picture quality.
Features:
Concept Features
D Full Horizontal (H) Plus Vertical (V) Autosync Capability
D Completely DC Controllable for Analog and Digital Concepts
D Excellent Geometry Control Functions (e.g. Automatic Correction of East–West (EW) Parabola
During Adjustment of Vertical Size and Vertical Shift)
D Felxible Switched Mode Power Supply (SMPS) Function Block for Feedback and Feed Forward
Converters.
D X–Ray Protection
D Start–Up and Switch–Off Sequences for safe Operation of All Power Components
D Very Good Vertical Linearity
D Internal Supply Voltage Stabilization
Synchronization Inputs
D Can Handle All Sync Signals (Horizontal, Vertical, Composite and Sync–On–Video)
D Combined Output for Video Clamping, Vertical Blanking and Protection Blanking
D Start of Video Clamping Pulses Externally Selectable
Horizontal Section
D Extremely Low Jitter
D Frequency Locked Loop for Smooth Catching of Line Frequrncy
D Simple Frequency Preset of fmin and fmax by External Resistors
D DC Controllable Wdie Range Linear Picture Position
D Soft Start for Horizontal Driver
Vertical Section
D Vertical Amplitude Independent of Frequency
D DC Controllable Picture Height, Picture Position and S–Correction
D Differential Current Outputs for DC Coupling to Vertical Booster


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn