Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7134 Datasheet(PDF) 6 Page - NTE Electronics

Part No. NTE7134
Description  Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7134 Datasheet(HTML) 6 Page - NTE Electronics

Back Button NTE7134 Datasheet HTML 2Page - NTE Electronics NTE7134 Datasheet HTML 3Page - NTE Electronics NTE7134 Datasheet HTML 4Page - NTE Electronics NTE7134 Datasheet HTML 5Page - NTE Electronics NTE7134 Datasheet HTML 6Page - NTE Electronics NTE7134 Datasheet HTML 7Page - NTE Electronics NTE7134 Datasheet HTML 8Page - NTE Electronics NTE7134 Datasheet HTML 9Page - NTE Electronics NTE7134 Datasheet HTML 10Page - NTE Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical Characteristics (Cont’d): (VP = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
X–Ray Protection [XRAY (Pin2)]
Slicing Voltage Level
VXRAY
6.14
6.38
6.64
V
Minimum Width of Trigger Pulse
tW(XRAY)
10
µs
Input Resistance at XRAY (Pin2)
RI(XRAY)
VXRAY < 6.38V + VBE
500
k
VXRAY > 6.38V + VBE
5
k
Supply Voltage for Reset of X–Ray Latch
VRESET(VCC)
5.6
V
Vertical Oscillator (Oscillator Frequency in Application Without Adjustment of Free–Running Frequency fv(o))
Free–Running Frequency
fV
RVREF = 22kΩ,
CVCAP = 100nF
40.0
42.0
43.3
Hz
Vertical Frequency Catching Range
fv(o)
Constant Amplitude, Note 8,
Note 9, Note 10
50
110
Hz
Voltage at Reference Input for
Vertical Oscillator
VVREF
3.0
V
Delay Between Trigger Pulsed and Start
of Ramp at VCAP (Pin24) (Width of
Vertical Blanking Pulse)
td(scan)
240
300
360
µs
Control Currents of Amplitude Control
IVAGC
±120 ±200 ±300
µA
External Capacitor at VAGC (Pin22)
CVAGC
150
nF
Differential Vertical Current Outputs
Adjustment of Vertical Size [VAMP (Pin18)]
Vertical Size Adjustment Range
∆VAMP
IVAMP = 0, Note 11
60
%
(Referenced to Nominal Vertical Size)
IVAMP = –135µA, Note 11
100
%
Input Current for Max Amplitude (100%)
IVAMP
–110
–120
–135
µA
Input Current for Min Amplitude (60%)
0
µA
Reference Voltage at Input
Vref(VAMP)
5.0
V
Adjustment of Vertical Shift [VPOS (Pin17)]
Vertical Shift Adjustment Range
∆VPOS
IVPOS = –135µA, Note 11
–11.5
%
(Referenced to 100% Vertical Size)
IVPOS = 0, Note 11
+11.5
%
Input Current for Max Shift–Up
IVPOS
–110
–120
–135
µA
Input Current for Max Shift–Down
0
µA
Reference Voltage at Input
Vref(VPOS)
5.0
V
Vertical Shift is Centered of VPOS (Pin17)
is Forced to GND
Voff(VPOS)
0
0.1
V
Note 8. Full vertical sync range with constant amplitude (fV(min) : fV(max) = 1 : 2.5) can be made by
chosing an application with adjustment of free–running frequency.
Note 9. If higher vertical frequencies are reqiured, sync range can be shifted by using a smaller
capacitor at VCAP (Pin24).
Note10. Value of resistor at VREF (Pin23) may not be changed.
Note 11. All vertical and EW adjustments are specified at nominal vertical settings, which means:
a)
∆VAMP = 100% (IVAMP = 135µA
b)
∆VSCOR = 0 (Pin19 Open–Circuit)
c)
∆VPOS centered (Pin17 forced to GND)
d) fH = 70kHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn