Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM9369 Datasheet(PDF) 6 Page - International Rectifier

Part # OM9369
Description  FULL-FEATURED POWER MODULE FOR HIGH VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM9369 Datasheet(HTML) 6 Page - International Rectifier

Back Button OM9369 Datasheet HTML 2Page - International Rectifier OM9369 Datasheet HTML 3Page - International Rectifier OM9369 Datasheet HTML 4Page - International Rectifier OM9369 Datasheet HTML 5Page - International Rectifier OM9369 Datasheet HTML 6Page - International Rectifier OM9369 Datasheet HTML 7Page - International Rectifier OM9369 Datasheet HTML 8Page - International Rectifier OM9369 Datasheet HTML 9Page - International Rectifier OM9369 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
OM9369
6
www.irf.com
Modes of Operation
Figures
2 and 3, shown on the following pages,
provides schematic representations of typical voltage-
mode and current -mode applications for the OM9369
controller/driver.
Figure 2 represents the implemenation of a typical
voltage-mode controller for velocity control. A voltage or
speed command is applied to the noninverting input
of the error amplifier which is configured as voltage
follower. The ouput of the error amplifier is compared
to a pulse width modulated ramp, and since motor
speed is nearly proportional to the average phase
output voltage, the average speed is controlled via
duty cycle control. If a speed feedback loop is
required, the tachometer output can be connected to
the inverting input of the error amplifier via a loop
compensation network.
Fig 2: Implementation of a Voltage -Mode Controller
Figure 2 also shows the implementation of the
cycle-by-cycle current limit/overcurrent protection
feature of the OM9369. The load current is monitored
via the controller’s internal sense resistor. The
current sense signal is filtered and fed into the
current sense amplifier where the absolute value of
ISH-ISL is multiplied by two and biased up by 2.5V.
The output of the current sensor amplifier is
compared to a fixed reference, thus providing cycle-
by-cycle current limiting and/or overcurrent protection
as necessary. The typical peak current threshold
(ISL-ISH) is 0.2V; the typical over current threshold
(ISH-ISL) is 0.3V.
C_FILT
232
232
4700pF
.1uF
3.24k
1.50k
1k
.1uF
C_BUS
+
10uF
+
.1uF
10k
Vcc
1
VREF
5
OSCILLATOR
10
PWM_IN
9
EA1_OUT
8
EA1+
4
EA1-
2
SOFT_START
18
I_SENSE
11
ISH
12
ISL
13
QUAD_SEL
14
DIRECTION
24
SPEED_IN
23
EA2_OUT
7
EA2+
3
EA2-
6
BRAKE
16
TACH_OUT
15
GROUND
19
V_MOTOR
43
PHASE_A_OUT
42
PHASE_A_OUT
41
SOURCE_A
40
SOURCE_A
39
V_MOTOR
38
PHASE_B_OUT
37
PHASE_B_OUT
36
SOURCE_B
35
SOURCE_B
34
V_MOTOR
33
PHASE_C_OUT
32
PHASE_C_OUT
31
30
SOURCE_C
29
MOTOR_RETURN
28
MOTOR_RETURN
27
H1_HALL_INPUT
22
H2_HALL_INPUT
21
H3_HALL_INPUT
20
CSH
25
CSL
26
OV_COAST
17
H3
H2
H1
H3
H2
H1
V_MOTOR
COMMAND
+15V
HALL SENSORS
FROM MOTOR HALL SENSORS
MOTOR
SOURCE_C


Similar Part No. - OM9369

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM9369CM ETC-OM9369CM Datasheet
121Kb / 10P
   FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
More results

Similar Description - OM9369

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9373 IRF-OM9373 Datasheet
150Kb / 14P
   FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
List of Unclassifed Man...
OM9369CM ETC-OM9369CM Datasheet
121Kb / 10P
   FULL-FEATURED POWER MODULE FOR HIGH-VOLTAGE DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
OMC507 ETC-OMC507 Datasheet
118Kb / 8P
   FULL-FEATURED CIRCUIT BOARD ASSEMBLY FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTORS
logo
Aeroflex Circuit Techno...
ACT5101-1 AEROFLEX-ACT5101-1 Datasheet
237Kb / 12P
   ACT5101-1 HIGH VOLTAGE 3-PHASE BRUSHLESS DC MOTOR DRIVE
logo
Toshiba Semiconductor
TA7712P TOSHIBA-TA7712P_07 Datasheet
605Kb / 16P
   3-Phase, Full-Wave Brushless DC Motor Controller IC
TA8470AF TOSHIBA-TA8470AF_06 Datasheet
386Kb / 16P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8466AF TOSHIBA-TA8466AF Datasheet
273Kb / 8P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
TA8470AF TOSHIBA-TA8470AF Datasheet
382Kb / 13P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC
logo
International Rectifier
IR3230S IRF-IR3230S Datasheet
451Kb / 22P
   3 PHASE CONTROLLER FOR DC BRUSHLESS MOTOR
logo
Toshiba Semiconductor
TA8479F TOSHIBA-TA8479F Datasheet
621Kb / 19P
   3 PHASE FULL WAVE BRUSHLESS DC MOTOR DRIVER IC FOR VIDEO CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com