Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPGF50S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # NSPGF50S
Description  NICHIA GREEN LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPGF50S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  NSPGF50S Datasheet HTML 1Page - List of Unclassifed Manufacturers NSPGF50S Datasheet HTML 2Page - List of Unclassifed Manufacturers NSPGF50S Datasheet HTML 3Page - List of Unclassifed Manufacturers NSPGF50S Datasheet HTML 4Page - List of Unclassifed Manufacturers NSPGF50S Datasheet HTML 5Page - List of Unclassifed Manufacturers NSPGF50S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPGF50S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPGF50S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPGF50S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
-1-
Nichia
STSE-CG2143B
<Cat.No.031212>
1.SPECIFICATIONS
(1) Absolute Maximum Ratings
(Ta=25°C)
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
30
mA
Pulse Forward Current
IFP
100
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
120
mW
Operating Temperature
Topr
-30 ~ + 85
°C
Storage Temperature
Tstg
-40 ~ +100
°C
Soldering Temperature
Tsld
265°C
for 10sec.
IFP Conditions
:
Pulse Width
10msec.
and
Duty
1/10
(2) Initial Electrical/Optical Characteristics
(Ta=25°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20[mA]
-
3.5
4.0
V
Reverse Current
IR
VR= 5[V]
-
-
50
µA
Rank T
Iv
IF=20[mA]
640
780
920
mcd
Rank S
Iv
IF=20[mA]
460
550
640
mcd
Luminous Intensity
Rank R
Iv
IF=20[mA]
320
390
460
mcd
! Luminous Intensity Measurement allowance is ± 10%.
Color Ranks
(IF=20mA,Ta=25°C)
Rank G
Rank H
x
0.14
0.14
0.22
0.22
x
0.21
0.21
0.28
0.28
y
0.64
0.74
0.74
0.64
y
0.65
0.73
0.73
0.65
! Color Coordinates Measurement allowance is ± 0.01.
! One delivery will include up to two color ranks and three luminous intensity ranks of the products.
The quantity-ratio of the ranks is decided by Nichia.
2.TYPICAL
INITIAL
OPTICAL/ELECTRICAL
CHARACTERISTICS
Please refer to figure’s page.
3.OUTLINE
DIMENSIONS
AND
MATERIALS
Please refer to figure’s page.
Material as follows ;
Resin(Mold) :
Epoxy Resin
Leadframe
:
Ag plating
Copper Alloy
<
=
<
=


Similar Part No. - NSPGF50S

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPGF50S NICHIA-NSPGF50S Datasheet
258Kb / 15P
   GREEN LED
More results

Similar Description - NSPGF50S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPG510S ETC-NSPG510S Datasheet
276Kb / 15P
   NICHIA GREEN LED
NSPG500S ETC-NSPG500S Datasheet
288Kb / 15P
   NICHIA GREEN LED
NSPG320BS ETC-NSPG320BS Datasheet
278Kb / 15P
   NICHIA GREEN LED
NSPE590S ETC-NSPE590S Datasheet
306Kb / 15P
   NICHIA BLUISH GREEN LED
logo
AAEON Technology
NSPG310B AAEON-NSPG310B Datasheet
486Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG510AS AAEON-NSPG510AS Datasheet
484Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG520AS AAEON-NSPG520AS Datasheet
201Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG500DS AAEON-NSPG500DS_15 Datasheet
482Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
NSPG510AS AAEON-NSPG510AS_15 Datasheet
484Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
List of Unclassifed Man...
NSPG320C ETC2-NSPG320C Datasheet
269Kb / 15P
   SPECIFICATIONS FOR NICHIA GREEN LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com