Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7133 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7133
Description  Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7133 Datasheet(HTML) 2 Page - NTE Electronics

  NTE7133 Datasheet HTML 1Page - NTE Electronics NTE7133 Datasheet HTML 2Page - NTE Electronics NTE7133 Datasheet HTML 3Page - NTE Electronics NTE7133 Datasheet HTML 4Page - NTE Electronics NTE7133 Datasheet HTML 5Page - NTE Electronics NTE7133 Datasheet HTML 6Page - NTE Electronics NTE7133 Datasheet HTML 7Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics: (VP = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply
Positive Supply Voltage (Pin1)
VP
9.2
12.0
16.0
V
Supply Current
IP
I18 = –1.05mA
36
44
mA
I18 = –3.388mA
40
49
mA
Internal Reference Voltage
Internal Reference Voltage
Vref
6.0
6.25
6.5
V
Temperature Coefficient
TC
TA = +20° to +100°C
±90 10–6/K
Power Supply Ripple Rejection
PSRR
f = 1kHz Sine Wave
60
75
dB
f = 1MHz Sine Wave
25
35
dB
Supply Voltage (Pin1) to Ensure All Internal
Reference Voltages
VP
9.2
16.0
V
Composite Sync Input (AC–Coupled, V10 = 5V)
Sync Amplitude of Video Input Signal (Pin9)
Vi sync
Sync on Green
300
mV
Top Sync Clamping Level
1.1
1.28
1.5
V
Slicing Level Above Top Sync Level
Sync on Green, RS = 50Ω
90
120
150
mV
Allowed Source Resistance for 7% Duty Cycle
RS
Vi sync > 200mV
1.5
k
Differential Input Resistance
r9
During Sync
80
Charging Current of Coupling Capacitor
I9
V9 > 1.5V
1.3
2.0
3.0
µA
Vertical Sync Integration Time to Generate
tint
fH = 31kHz, I18 = –1.050mA
7
10
13
µs
Sync Pulse
fH = 64kHz, I18 = –2.169mA
3.5
5.0
6.5
µs
fH = 100kHz, I18 = –3.388mA
2.5
3.4
4.5
µs
Horizontal Sync Input (DC–Coupled, TTL–Compatible)
Sync Input Signal (Peak Value, Pin9)
Vu sync
1.7
V
Slicing Level
1.2
1.4
1.6
V
Minimum Pulse Width
tp
700
ns
Rise Time and Fall Time
tr, tf
10
500
ns
Input Current
I9
V9 = 0.8V
–200
µA
V9 5.5V
10
µA
Automatic Horizontal Polarity Switch (H–Sync on Pin9)
Horizontal Sync Pulse Width Related to tH
(Duty Cycle for Automatic Polarity Correction)
tp H/tH
30
%
Delay Time for Changing Sync Polarity
tp
0.3
1.8
ms
Vertical Sync Input (DC–Coupled, TTL–Compatible,,V–Sync on Pin10)
Sync Input Signal (Peak Value, Pin10)
Vi sync
1.7
V
Slicing Level
1.2
1.4
1.6
V
Input Current
I10
0 < V10 < 5.5V
±10
µA
Maximum Vertical Sync Pulse Width for
Automatic Vertical Polarity Switch
tp V
300
µs
Horizontal Mode Detector Output (VGA Mode)
Output Saturation Voltage LOW
(For Modes 1, 2, and 3)
V7
I7 = 6mA
0.275
0.33
V
Output Voltage HIGH
Mode 4
VP
V
Load Current to Force VGA Mode–Dependent
Vertical and Parabola Amplitudes
I7
Modes 1, 2, and 3
2
6
mA
Output Current
Mode 4
0
mA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn