Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE7133 Datasheet(PDF) 4 Page - NTE Electronics

Part # NTE7133
Description  Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7133 Datasheet(HTML) 4 Page - NTE Electronics

  NTE7133 Datasheet HTML 1Page - NTE Electronics NTE7133 Datasheet HTML 2Page - NTE Electronics NTE7133 Datasheet HTML 3Page - NTE Electronics NTE7133 Datasheet HTML 4Page - NTE Electronics NTE7133 Datasheet HTML 5Page - NTE Electronics NTE7133 Datasheet HTML 6Page - NTE Electronics NTE7133 Datasheet HTML 7Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Electrical Characteristics (Cont’d): (VP = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Vertical Oscillator (Vref = 6.25V)
Vertical Free–Running Frequency
fo
R15 = 22kΩ, C16 = 0.1µF
42
Hz
Nominal Vertical Sync Range
fV
No fo Adjustment
50
110
Hz
Voltage on Pin15
V15
R15 = 22kΩ
2.8
3.0
3.2
V
Delay Between Sync Pulse and Start of Vertical
Scan in VGA/XGA Mode
td
Measured on Pin8,
Activated by an External
Resistor on Pin7
500
575
650
µs
Delay Between Sync Pulse and Start of Vertical
Scan in Autosync Mode
Measured on Pin8,
V7 < 50mV
240
300
360
µs
Control Current for Amplitude Control
I12
±200
µA
Capacitor for Amplitude Control
C12
0.18
µF
Vertical Differential Output
Differential Output Current Between Pin5 and
Pin6 (Peak–to–Peak Value)
Io
Mode 3, I13 > –135µA,
R15 = 22kΩ
0.9
1.0
1.1
mA
Maximum Offset Current Error
Io = 1mA
±2.5
%
Maximum Linearity Error
±1.5
%
Vertical Amplitude Adjustment (In Percent of Output Signal)
Input Voltage
V13
5.0
V
Adjustment Current
I13
Iomax (100%)
–110
–120
–135
µA
Iomin (Typically 58%)
0
µA
VGA Mode–Dependent Pre–Settings Activated
by an External Resistor on Pin7
Mode 1
∆Io/∆t
Table 2,Note 2
116.1
116.8
117.4
%
Mode 2
101.6 102.2 102.8
%
Mode 3
100
%
Mode 4
100
%
Autosync Operation
(VGA Operation Disabled)
Table 2, Note 2,
V7 < 50mV
100
%
E/W Output (Note 2)
Bottom Output Signal During Mid–Scan (Pin11)
V11
Internally Stabilized
1.05
1.2
1.35
V
Top Output Signal During Flyback
4.2
4.5
4.8
V
Temperature Coefficient of Output Signal
TC
250
10–6/K
E/W Amplitude Adjustment (Parabola)
Input Voltage (Pin14)
V14
5.0
V
Adjustment Current
I14
100% Parabola
–110
–120
–135
µA
Typicall 28% Parabola
0
µA
Note 2.
∆Io/∆t relative to value of Mode 3.
Note 3. Parabola amplitude tracks with mode–dependent vertical amplitude but not with vertical
amplitude adjustment. Tracking can be achieved by a resistor from vertical amplitude
potentiometer to Pin14.


Similar Part No. - NTE7133

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE713 NTE-NTE713 Datasheet
24Kb / 2P
   Integrated Circuit Chroma Demod
NTE7131 NTE-NTE7131 Datasheet
29Kb / 4P
   Integrated Circuit DC-Coupled Vertical Deflection Circuit
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
NTE7135 NTE-NTE7135 Datasheet
26Kb / 4P
   Integrated Circuit Vertical Deflection Power Amplifier for Monitors
More results

Similar Description - NTE7133

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA4851 PHILIPS-TDA4851 Datasheet
198Kb / 17P
   Horizontal and vertical deflection controller for VGA/XGA and autosync monitors
November 1992
logo
NTE Electronics
NTE7132 NTE-NTE7132 Datasheet
49Kb / 7P
   Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
logo
NXP Semiconductors
TDA4852 PHILIPS-TDA4852 Datasheet
175Kb / 16P
   Horizontal and vertical deflection controller for autosync monitors
December 1992
TDA4850 PHILIPS-TDA4850 Datasheet
142Kb / 20P
   Horizontal and vertical deflection controller for VGA/XGA and multi-frequency monitors
1997 Jun 05
logo
NTE Electronics
NTE7134 NTE-NTE7134 Datasheet
89Kb / 17P
   Integrated Circuit Horizontal and Vertical Deflection Controller for Monitors
logo
NXP Semiconductors
TDA4857PS PHILIPS-TDA4857PS Datasheet
235Kb / 56P
   I2C-bus autosync deflection controller for PC monitors
2000 Jan 31
TDA4856 PHILIPS-TDA4856 Datasheet
1Mb / 56P
   I2C-bus autosync deflection controller for PC monitors
1999 Jul 13
logo
NTE Electronics
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
   Integrated Circuit Horizontal and Vertical Deflection Monitor
logo
NXP Semiconductors
TDA4841PS PHILIPS-TDA4841PS Datasheet
245Kb / 60P
   I2C-bus autosync deflection controller for PC monitors
1999 Oct 25
logo
STMicroelectronics
TDA8218 STMICROELECTRONICS-TDA8218 Datasheet
120Kb / 9P
   HORIZONTAL AND VERTICAL DEFLECTION CIRCUIT
September 1993
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com