Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7133 Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE7133
Description  Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Autosync Monitors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE7133 Datasheet(HTML) 3 Page - NTE Electronics

  NTE7133 Datasheet HTML 1Page - NTE Electronics NTE7133 Datasheet HTML 2Page - NTE Electronics NTE7133 Datasheet HTML 3Page - NTE Electronics NTE7133 Datasheet HTML 4Page - NTE Electronics NTE7133 Datasheet HTML 5Page - NTE Electronics NTE7133 Datasheet HTML 6Page - NTE Electronics NTE7133 Datasheet HTML 7Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Electrical Characteristics (Cont’d): (VP = 12V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VGA/Autosync Mode Switch
Input Voltage LOW to Force Autosync Mode
V7
0
50
mV
Horizontal Comparator PLL1
Upper Control Voltage Limitation
V17
5.9
V
Lower Control Voltage Limitation
5.1
V
Control Current
I17
±0.083I18
µA
Horizontal Oscillator
Center Frequency
fOSC
R18 = 2.4kΩ (Pin18),
C19 = 10nF (Pin19)
31.45
kHz
Deviation of Center Frequency
∆fOSC
±3.0
%
Temperature Coefficient
TC
+200
+300 10–6/K
Relative Holding/Catching Range
ϕH/tH
±6.0
±6.5
±7.3
%
External Oscillator Current
I18
–0.5
–4.3
mA
Voltage at Reference Current Input (Pin18)
V18
2.35
2.5
2.65
V
Horizontal PLL2
Upper Clamping Level of Flyback Input
V2
I2 = 6mA
5.5
V
Lower Clamping Level of Flyback Input
I2 = –1mA
–0.75
V
H–Flyback Slicing Level
3.0
V
Delay Between Middle of Sync and Middle of
H–Flyback Related to tH
td/tH
3.0
%
Upper Control Voltage Limitation
V20
6.2
V
Lower Control Voltage Limitation
4.8
V
Control Current
I20
±0.083I18
µA
PLL2 Control range Related to tH
∆t/tH
30
%
Horizontal Output (Open–Collector)
Output Voltage LOW
V3
I3 = 20mA
0.3
V
I3 = 60mA
0.8
V
tH Duty Cycle
tp/tH
42
45
48
%
Threshold to Activate Too Low Supply Voltage
Protection
VP
Horizontal Output OFF
5.6
V
Threshold to Activate Too Low Supply Voltage
Protection
Horizontal Output ON
5.8
V
Jitter of Horizontal Output
∆tH
f = 31kHz
3.5
ns
f = 64kHz
1.9
ns
f = 100kHz
1.2
ns
Horizontal Clamping/Blanking Generator Output
Output Voltage LOW
V8
0.9
V
Blanking Output Voltage
Internal V Blanking
1.6
1.9
2.2
V
Clamping Output Voltage
H–Sync on Pin9
5.15
5.4
5.65
V
Internal Sink Current for All Output Levels
I8
H and V Scanning
2.3
2.9
3.5
mA
External Load Current
–3.0
mA
Clamping Pulse Start
t8
With End of H–Sync
Clamping Pulse Width
tclp
0.8
1.0
1.2
µs
Steepness of Rise and Fall Times
S
60
75
ns/V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn