Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NGD18N40CLBT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. NGD18N40CLBT4
Description  Ignition IGBT 18 Amps, 400 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NGD18N40CLBT4 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NGD18N40CLBT4
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued)
Characteristic
Symbol
Test Conditions
Temperature
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage
VGE(th)
I
10
A
TJ = 25°C
1.1
1.4
1.9
VDC
g
GE(th)
IC = 1.0 mA,
VGE = VCE
TJ = 150°C
0.75
1.0
1.4
DC
VGE = VCE
TJ = −40°C
1.2
1.6
2.1*
Threshold Temperature Coefficient
(Negative)
3.4
mV/
°C
Collector−to−Emitter On−Voltage
VCE(on)
TJ = 25°C
1.0
1.4
1.6
VDC
g
CE(on)
IC = 6.0 A,
VGE = 4.0 V
TJ = 150°C
0.9
1.3
1.6
DC
VGE = 4.0 V
TJ = −40°C
1.1
1.45
1.7*
TJ = 25°C
1.3
1.6
1.9*
IC = 8.0 A,
VGE = 4.0 V
TJ = 150°C
1.2
1.55
1.8
VGE = 4.0 V
TJ = −40°C
1.4
1.6
1.9*
TJ = 25°C
1.4
1.8
2.05
IC = 10 A,
VGE = 4.0 V
TJ = 150°C
1.4
1.8
2.0
VGE = 4.0 V
TJ = −40°C
1.4
1.8
2.1*
TJ = 25°C
1.8
2.2
2.5
IC = 15 A,
VGE = 4.0 V
TJ = 150°C
2.0
2.4
2.6*
VGE = 4.0 V
TJ = −40°C
1.7
2.1
2.5
TJ = 25°C
1.3
1.8
2.0*
IC = 10 A,
VGE = 4.5 V
TJ = 150°C
1.3
1.75
2.0*
VGE = 4.5 V
TJ = −40°C
1.4
1.8
2.0*
IC = 6.5 A,
VGE = 3.7 V
TJ = 25°C
1.65
Forward Transconductance
gfs
VCE = 5.0 V, IC = 6.0 A
TJ = −40°C to
150
°C
8.0
14
25
Mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
T
40
°C
400
800
1000
pF
Output Capacitance
COSS
VCC = 25 V, VGE = 0 V
f = 1.0 MHz
TJ = −40°C to
150
°C
50
75
100
Transfer Capacitance
CRSS
f = 1.0 MHz
150
°C
4.0
7.0
10
SWITCHING CHARACTERISTICS
Turn−Off Delay Time (Resistive)
td(off)
VCC = 300 V, IC = 6.5 A
RG = 1.0 kΩ, RL = 46 Ω,
TJ = 25°C
4.0
10
µSec
Fall Time (Resistive)
tf
VCC = 300 V, IC = 6.5 A
RG = 1.0 kΩ, RL = 46 Ω,
TJ = 25°C
9.0
15
Turn−On Delay Time
td(on)
VCC = 10 V, IC = 6.5 A
RG = 1.0 kΩ, RL = 1.5 Ω
TJ = 25°C
0.7
4.0
µSec
Rise Time
tr
VCC = 10 V, IC = 6.5 A
RG = 1.0 kΩ, RL = 1.5 Ω
TJ = 25°C
4.5
7.0
2. Pulse Test: Pulse Width
v 300 µS, Duty Cycle v 2%.
*Maximum Value of Characteristic across Temperature Range.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn