Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NGD18N40CLBT4 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NGD18N40CLBT4
Description  Ignition IGBT 18 Amps, 400 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NGD18N40CLBT4 Datasheet(HTML) 6 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NGD18N40CLBT4
http://onsemi.com
6
100
10
0.1
1
0.01
Figure 13. Single Pulse Safe Operating Area
(Mounted on an Infinite Heatsink at TA = 255C)
COLLECTOR−EMITTER VOLTAGE (VOLTS)
Figure 14. Single Pulse Safe Operating Area
(Mounted on an Infinite Heatsink at TA = 1255C)
COLLECTOR−EMITTER VOLTAGE (VOLTS)
1
100
10
1000
100
10
0.1
1
0.01
1
100
10
1000
100
µs
10 ms
1 ms
100 ms
DC
100
µs
10 ms
1 ms
100 ms
DC
100
10
0.1
1
0.01
COLLECTOR−EMITTER VOLTAGE (VOLTS)
COLLECTOR−EMITTER VOLTAGE (VOLTS)
1
100
10
1000
100
10
0.1
1
0.01
1
100
10
1000
t1 = 1 ms, D = 0.05
t1 = 2 ms, D = 0.10
t1 = 3 ms, D = 0.30
t1 = 1 ms, D = 0.05
t1 = 2 ms, D = 0.10
t1 = 3 ms, D = 0.30
Figure 15. Pulse Train Safe Operating Area
(Mounted on an Infinite Heatsink at TC = 255C)
Figure 16. Pulse Train Safe Operating Area
(Mounted on an Infinite Heatsink at TC = 1255C)
5.0 V
VIN
RG = 1 kW
L = 10
mH
RL = 0.1 W
VBATT = 16 V
Figure 17. Circuit Configuration for
Short Circuit Test #1
Figure 18. Circuit Configuration for
Short Circuit Test #2
5.0 V
VIN
RG = 1 kW
L = 10
mH
RL = 0.1 W
VBATT = 16 V
RS = 55 mW


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn