Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NGD18N40CLBT4 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NGD18N40CLBT4
Description  Ignition IGBT 18 Amps, 400 Volts
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NGD18N40CLBT4 Datasheet(HTML) 5 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NGD18N40CLBT4
http://onsemi.com
5
VTH − 4 σ
TEMPERATURE (
°C)
−50
50
70
10
−10
90
−30
130 150
VTH + 4 σ
VTH
GATE TO EMITTER VOLTAGE (VOLTS)
1.2
0.2
0
2
0.6
1
1.6
10000
1000
100
10
0
6
4
0
8
10
12
Figure 7. Collector−to−Emitter Voltage versus
Gate−to−Emitter Voltage
Figure 8. Capacitance Variation
Figure 9. Gate Threshold Voltage versus
Temperature
Figure 10. Minimum Open Secondary Latch
Current versus Temperature
TEMPERATURE (
°C)
Figure 11. Typical Open Secondary Latch
Current versus Temperature
VCE, COLLECTOR TO EMITTER VOLTAGE (VOLTS)
Figure 12. Inductive Switching Fall Time
versus Temperature
TEMPERATURE (
°C)
0
120
60
40
20
140
180
−50
50
75
25
0
100
−25
125
10
20
5
15
0
25
30
TJ = 150°C
175
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 6 mH
200
80
100
160
−50
50
70
30
−10
90
−30
130 150
tf
VCC = 300 V
VGE = 5.0 V
RG = 1000 Ω
IC = 10 A
L = 300
µH
Crss
Ciss
Coss
2.5
36
7
58
49
1
0.5
2
0
3
1.5
10
IC = 15 A
IC = 10 A
IC = 5 A
1
30
110
0.4
0.8
1.4
1.8
150
L = 3 mH
L = 1.8 mH
TEMPERATURE (
°C)
−50
50
75
25
0
100
−25
125
10
20
5
15
0
25
30
175
VCC = 50 V
VGE = 5.0 V
RG = 1000 Ω
L = 6 mH
150
L = 3 mH
L = 1.8 mH
2
10
110
td(off)


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn