Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESMC07T Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NESMC07T
Description  LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NESMC07T Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NESMC07T Datasheet HTML 3Page - List of Unclassifed Manufacturers NESMC07T Datasheet HTML 4Page - List of Unclassifed Manufacturers NESMC07T Datasheet HTML 5Page - List of Unclassifed Manufacturers NESMC07T Datasheet HTML 6Page - List of Unclassifed Manufacturers NESMC07T Datasheet HTML 7Page - List of Unclassifed Manufacturers NESMC07T Datasheet HTML 8Page - List of Unclassifed Manufacturers NESMC07T Datasheet HTML 9Page - List of Unclassifed Manufacturers NESMC07T Datasheet HTML 10Page - List of Unclassifed Manufacturers NESMC07T Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2.6
2.4
2.2
2.0
1.8
1.6
100
50
10
5
1
1.6
VF(V)
1000
500
100
50
10
IF=20mA
-20
Ta(
°C)
4.0
3.8
3.6
3.4
3.2
3.0
IF=10mA
IF- VF 特性 (R)
VF- Ta 特性 (R)
500
100
50
10
5
160
140
120
100
80
60
IFMAX- Ta 特性
30
20
15
0
5
25
10
R
G/B
120
80
60
20
100
40
P- Ta 特性
IF-VF 特性 (G/B)
IV- Ta 特性
(R)
IV- IF 特性 (R)
IF(mA)
0.5
5
50
10
100
1
1000
110
VF- Ta 特性 (G/B)
IV- IF 特性 (G/B)
IV- Ta 特性 (G/B)
2.0
2.4
0
20
406080 100
100
50
10
5
1
2.6
VF(V)
3.0
3.4
Ta(
°C)
0
20
406080 100
IF(mA)
0.5
5
50
110
-20
Ta(
°C)
0
2040
6080 100
Ta(
°C)
0
20
406080 100
Ta(
°C)
100
Ta(
°C)
0
20406080 100
60
80
70
50
20%
40%
60%
80%
100%
120%
0%
指 向特性
90
40302010010203040
60
80
70
50
90
0
0
20406080
-30
(Ta=25
°C)
(Ta=25
°C)
(Ta=25
°C)
(Ta=25
°C)
-20
-30
-30
-20
-30
-20
-30
-20
-30
G
G
G
B
B
B
B
G
IF=20mA
IF=10mA
R
G
B
(Ta=25
°C)
R:IF=20mA
G/B:IF=10mA
型 名
日亜化学工業(株) 管理番号
NESMC07
標準初期電気
/光学特性
031226204632
名 称
-7-
日亜化学工業(株)
STSE-CM2208B
<Cat.No.040115>


Similar Part No. - NESMC07T

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NESM005AT NICHIA-NESM005AT Datasheet
325Kb / 13P
   FULL COLOR LED
NESM026AT NICHIA-NESM026AT Datasheet
422Kb / 13P
   FULL COLOR LED
NESM026D NICHIA-NESM026D Datasheet
322Kb / 17P
   SPECIFICATIONS FOR FULL COLOR LED
NESM026DT NICHIA-NESM026DT Datasheet
313Kb / 17P
   FULL COLOR LED
NESM126A NICHIA-NESM126A Datasheet
314Kb / 17P
   SPECIFICATIONS FOR FULL COLOR LED
More results

Similar Description - NESMC07T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
   Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
   Infrared LED Subminiature LED
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
   LED
logo
HB Electronic Component...
330LW7C HB-330LW7C Datasheet
284Kb / 4P
   LED
330IB7C HB-330IB7C Datasheet
210Kb / 3P
   LED
510PG2C HB-510PG2C Datasheet
664Kb / 9P
   LED
520PG2C HB-520PG2C Datasheet
706Kb / 9P
   LED
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS Datasheet
149Kb / 8P
   LED
DDR-GJS-D2F1-1-I2 DOMINANT-DDR-GJS-D2F1-1-I2 Datasheet
794Kb / 13P
   LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
   LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com