Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

00-9175 Datasheet(PDF) 7 Page - AVX Corporation

Part # 00-9175
Description  Standard 26-28 AWG: WTB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

00-9175 Datasheet(HTML) 7 Page - AVX Corporation

  00-9175 Datasheet HTML 1Page - AVX Corporation 00-9175 Datasheet HTML 2Page - AVX Corporation 00-9175 Datasheet HTML 3Page - AVX Corporation 00-9175 Datasheet HTML 4Page - AVX Corporation 00-9175 Datasheet HTML 5Page - AVX Corporation 00-9175 Datasheet HTML 6Page - AVX Corporation 00-9175 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CONNECT
INTER
9
032117
CONNECT
INTER
Standard 26-28 AWG: WTB
00-9175
INSERTION TOOLING
REQUIRES HAND PRESS WITH FLAT ROCK PLATES
ASSEMBLED CONNECTOR
3 WAY TOOL
TOOL NUMBER 06-9175-7017-01-003
SKETCH SHOWS PCB RESTRICTED AREAS FOR ASSEMBLY TOOLING
NOTES:
1. DIMENSIONS SHOWN ARE REFERENCE DIMENSIONS.
2. MAXIMUM COMPONENT HEIGHT 0.80MM IN THIS AREA.
3. MAXIMUM COMPONENT HEIGHT 4.00MM IN THIS AREA.
4. THE SAME RESTRICTIONS APPLY TO ALL WIRE
INSULATION DIAMETERS.
NOTES:
1. ASSEMBLED HEIGHTS INCLUDE A 0.10MM ALLOWANCE FOR PAD AND SOLDER THICKNESS,
NO ALLOWANCE HAS BEEN MADE FOR ANY SOLDER RESIST OR OTHER FEATURES.
2. WHEN THE WIRE IS ASSEMBLED THE INSULATION SHOULD BE TRAPPED BY THESE EDGES.
STANDARD CONNECTOR
CONNECTOR WITH CAP
2 WAY TOOL
TOOL NUMBER 06-9175-7017-01-002
SKETCH SHOWS PCB RESTRICTED AREAS FOR ASSEMBLY TOOLING


Similar Part No. - 00-9175

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9175-00X-701-XX6 AVX-00-9175-00X-701-XX6 Datasheet
728Kb / 6P
   26-28AWG IDC WIRE TO BOARD CONNECTOR
00-9175002-701-006 AVX-00-9175002-701-006 Datasheet
728Kb / 6P
   26-28AWG IDC WIRE TO BOARD CONNECTOR
00-9175002-701-096 AVX-00-9175002-701-096 Datasheet
728Kb / 6P
   26-28AWG IDC WIRE TO BOARD CONNECTOR
00-9175002-701-106 AVX-00-9175002-701-106 Datasheet
728Kb / 6P
   26-28AWG IDC WIRE TO BOARD CONNECTOR
00-9175002-701-196 AVX-00-9175002-701-196 Datasheet
728Kb / 6P
   26-28AWG IDC WIRE TO BOARD CONNECTOR
More results

Similar Description - 00-9175

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
9175-700 AVX-9175-700 Datasheet
255Kb / 6P
   Capped IDC 26-28 AWG: WTB
00-9176 AVX-00-9176 Datasheet
1Mb / 11P
   Standard IDC 18-24 AWG: WTB
9176-700 AVX-9176-700 Datasheet
320Kb / 8P
   Capped 18-24 AWG: WTB
logo
Molex Electronics Ltd.
0571383700 MOLEX-0571383700 Datasheet
36Kb / 1P
   S-1 Applicator for PicoBlade Terminals, 26-28 AWG and 28-32 AWG
08/26/2022
logo
Japan Automatic Machine...
HT-508310LW JAM-HT-508310LW Datasheet
289Kb / 8P
   CS10K–JB-S AWG 30-28/24/26
07/2022_REV.0
logo
Tyco Electronics
640622-6 MACOM-640622-6 Datasheet
146Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640442 MACOM-640442 Datasheet
149Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640430 MACOM-640430 Datasheet
136Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
644040-8 MACOM-644040-8 Datasheet
119Kb / 1P
   MTA.100 CONNECTOR ASSEMBLY 26 AWG, STANDARD
640435 MACOM-640435 Datasheet
148Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com