Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NECW008AT Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part No. NECW008AT
Description  NICHIA CHIP TYPE WHITE LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NECW008AT Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NECW008AT Datasheet HTML 5Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 6Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 7Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 8Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 9Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 10Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 11Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 12Page - List of Unclassifed Manufacturers NECW008AT Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TYP.CHARACTERISTICS
Model
NECW008A
NICHIA CORPORATION Title
No.
030715311921
Forward Current IFP (mA)
! Ambient Temperature vs.
Allowable Forward Current
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Relative Luminosity
Ambient Temperature Ta (°C)
! Ambient Temperature vs.
Forward Voltage
Ambient Temperature Ta (°C)
Duty Ratio (%)
! Forward Current vs.
Relative Luminosity
Forward Voltage VF (V)
! Forward Voltage vs.
Forward Current
! Duty Ratio vs.
Allowable Forward Current
1
5
10
20
100
50
60
80
100
40
020
100
50
20
10
5
1
2
1
0.5
0.2
020
60 80 100
40
-40 -20
0
20
60 80 100
40
-40 -20
5
4.6
4.2
3.4
3
2.6
3.8
IFP=5mA
IFP=15mA
20
IFP=15mA
30
25
15
0
10
5
6
20
200
100
50
10
80
20
25
Ta=25°C
Ta=25°C
4
3.5
2.5
0.5
0
1.5
2
1
3
020
80
100
60
40
2.5
3
3.5
4.5
5
4
Ta=25°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSSW020AT SPECIFICATION FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
NSSM016AT NICHIA CHIP TYPE FULL COLOR LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1550W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
LT1W92A 3030 Size 1.1mm Thickness MID* Type Full Color Leadless Chip LED Device 1  Sharp Electrionic Components
TB62734FMG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
LT1560ED Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
NSPW515B SPECIFICATIONS FOR NICHIA WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers
LT1560W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn