Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7132 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7132
Description  Integrated Circuit Horizontal and Vertical Deflection Controller for VGA/XGA and Multi-Frequency Monitors
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7132 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NTE7132
Integrated Circuit
Horizontal and Vertical Deflection Controller
for VGA/XGA and Multi–Frequency Monitors
Description:
The NTE7132 is an integrated circuit in a 20–Lead DIP type package. This device is designed to pro-
vide an economical solution in VGA/XGA and multifrequency monitors by incorporating complete
horizontal and vertical small signal processing. VGA–dependent mode detection and setting are per-
formed on–chip.
Features:
D VGA Operation Fully Implemented Including Alignment–Free Vertical and E/W Amplitude
Pre–Settings
D 4th VGA Mode Easy Applicable (XGA, Super VGA)
D Mulit–Frequency Operation Externally Selectable
D All Adjustments DC–Controllable
D Alignment–Free Oscillators
D Sync Separators for Video or Horizontal and Vertical TTL Sync Levels Regardless or Polarity
D Horizontal Oscillator with PLL1 for Sync and PLL2 for Flyback
D Constant Vertical and E/W Amplitude in Multi–Frequency Operation
D Internal Supply Voltage Stabilization with Excellent Ripple Rejection to Ensure Stable Geometrical
Adjustments
Absolute Maximum Ratings:
Supply Voltage (Pin1), VP
–0.5 to +16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage (Pin3, Pin7), V3, V7
–0.5 to +16V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage (Pin8), V8
–0.5 to +7V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage (Pin5, Pin6, Pin9, Pin10, Pin13, Pin14, Pin18), Vn
–0.5 to +6.5V
. . . . . . . . . . . . . . . . . . . . . .
Current (Pin2), I2
±10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (Pin3), I3
100mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (Pin7), I7
20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current (Pin8), I8
–10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrostatic Handling for All Pins (Note 1), Vesd
±300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature, TJ
+150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperatrure Range, TA
0
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Ambient (In Free Air), RthJA
65K/W
. . . . . . . . . . . . . . . . . . . . . . . .
Note 1. Equivalent to discharging a 200pF capacitor through a 0
Ω series resistor.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn