Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMUX6111 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX6111
Description  36-V, Low-Capacitance, Low-Leakage-Current, Precision, Quad SPST Switches
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX6111 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX6111 Datasheet HTML 5Page - Texas Instruments TMUX6111 Datasheet HTML 6Page - Texas Instruments TMUX6111 Datasheet HTML 7Page - Texas Instruments TMUX6111 Datasheet HTML 8Page - Texas Instruments TMUX6111 Datasheet HTML 9Page - Texas Instruments TMUX6111 Datasheet HTML 10Page - Texas Instruments TMUX6111 Datasheet HTML 11Page - Texas Instruments TMUX6111 Datasheet HTML 12Page - Texas Instruments TMUX6111 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
D
VS
VD
A
A
ID (OFF)
Is (OFF)
S
V
D
VS
ICH
S
9
TMUX6111, TMUX6112, TMUX6113
www.ti.com
SCDS383 – AUGUST 2018
Product Folder Links: TMUX6111 TMUX6112 TMUX6113
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TMUX6111, TMUX6112, and TMUX6113 are 4-channel single-pole/ single-throw (SPDT) switches that
supports dual supplies (±5 V to ±16.5 V) or single supply (10 V to 16.5 V) operation. Each channel of the switch
is turned on or turned off based on the state of its corresponding SELx pin. The Functional Block Diagram
section provides a top-level block diagram of the switches.
9.1.1 On-Resistance
The on-resistance of the TMUX611x is the ohmic resistance across the source (Sx) and drain (Dx) pins of the
device. The on-resistance varies with input voltage and supply voltage. The symbol RON is used to denote on-
resistance. The measurement setup used to measure RON is shown in Figure 1. Voltage (V) and current (ICH) are
measured using this setup, and RON is computed as shown in Equation 1:
Figure 1. On-Resistance Measurement Setup
RON = V / ICH
(1)
9.1.2 Off-Leakage Current
There are two types of leakage currents associated with a switch during the off state:
1. Source off-leakage current
2. Drain off-leakage current
Source leakage current is defined as the leakage current flowing into or out of the source pin when the switch is
off. This current is denoted by the symbol IS(OFF).
Drain leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is off.
This current is denoted by the symbol ID(OFF).
The setup used to measure both off-leakage currents is shown in Figure 2
Figure 2. Off-Leakage Measurement Setup


Similar Part No. - TMUX6111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
[Old version datasheet]   36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6119DCNR TI1-TMUX6119DCNR Datasheet
362Kb / 23P
[Old version datasheet]   36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
More results

Similar Description - TMUX6111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX6119 TI1-TMUX6119 Datasheet
362Kb / 23P
[Old version datasheet]   36-V, Low Capacitance, Low-Leakage-Current, Precision, SPDT Switches
TMUX6121 TI1-TMUX6121 Datasheet
1Mb / 32P
[Old version datasheet]   (-)16.5-V, Low-Capacitance, Low-Leakage-Current, Precision, Dual SPST Switches
logo
Vishay Siliconix
DG411LE VISHAY-DG411LE Datasheet
326Kb / 17P
   Low Parasitic Capacitance and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
logo
Texas Instruments
MUX36S16 TI1-MUX36S16 Datasheet
633Kb / 38P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S16 TI1-MUX36S16_18 Datasheet
1Mb / 47P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX36S08 TI1-MUX36S08_19 Datasheet
2Mb / 46P
[Old version datasheet]   36-V, low-capacitance, low-leakage-current, precision, analog multiplexers
MUX36S08 TI1-MUX36S08_18 Datasheet
1Mb / 41P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision, Analog Multiplexers
MUX36S16 TI1-MUX36S16_17 Datasheet
1Mb / 43P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506 Datasheet
637Kb / 38P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
MUX506 TI1-MUX506_17 Datasheet
1Mb / 43P
[Old version datasheet]   36-V, Low-Capacitance, Low-Leakage-Current, Precision Analog Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com