Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMD60R900QRH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MMD60R900QRH
Description  Low power loss by high speed switching and low on-resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMD60R900QRH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MMD60R900QRH Datasheet HTML 1Page - MagnaChip Semiconductor. MMD60R900QRH Datasheet HTML 2Page - MagnaChip Semiconductor. MMD60R900QRH Datasheet HTML 3Page - MagnaChip Semiconductor. MMD60R900QRH Datasheet HTML 4Page - MagnaChip Semiconductor. MMD60R900QRH Datasheet HTML 5Page - MagnaChip Semiconductor. MMD60R900QRH Datasheet HTML 6Page - MagnaChip Semiconductor. MMD60R900QRH Datasheet HTML 7Page - MagnaChip Semiconductor. MMD60R900QRH Datasheet HTML 8Page - MagnaChip Semiconductor. MMD60R900QRH Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMD60R900Q Datasheet
Jul. 2017 Revision 1.0
MagnaChip Semiconductor Ltd.
3
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain
– source
breakdown voltage
V(BR)DSS
600
-
-
V
VGS = 0V, ID = 0.25mA
Gate threshold voltage
VGS(th)
2
3
4
V
VDS = VGS, ID = 0.25mA
Zero gate voltage drain current
IDSS
-
-
1
uA
VDS = 600V, VGS = 0V
Gate leakage current
IGSS
-
-
100
nA
VGS = ±30V, VDS = 0V
Drain-source on state resistance
RDS(ON)
-
0.76
0.90
VGS = 10V, ID = 1.5A
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input capacitance
Ciss
-
340
-
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output capacitance
Coss
-
337
-
Reverse transfer capacitance
Crss
-
15
-
Effective output capacitance
energy related
(3)
Co(er)
-
16
-
VDS = 0V to 480V,
VGS = 0V, f = 1.0MHz
Turn on delay time
td(on)
-
14
-
ns
VGS = 10V, RG = 25Ω,
VDS = 300V, ID = 4.4A
Rise time
tr
-
25
-
Turn off delay time
td(off)
-
56
-
Fall time
tf
-
23
-
Total gate charge
Qg
-
9.6
-
nC
VGS = 10V, VDS = 480V,
ID = 4.4A
Gate
– source charge
Qgs
-
2.5
-
Gate
– drain charge
Qgd
-
3.9
-
Gate resistance
RG
-
26
-
VGS = 0V, f = 1.0MHz
3) Co(er) is a capacitance that gives the same stored energy as Coss while VDS is rising from 0V to 80% V(BR)DSS
 Static Characteristics (T
c=25
oC unless otherwise specified)
 Dynamic Characteristics (T
c=25
oC unless otherwise specified)


Similar Part No. - MMD60R900QRH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMD60R900QRH ISC-MMD60R900QRH Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMD60R900QRH

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK3451-01 FUJI-2SK3451-01 Datasheet
107Kb / 4P
   High speed switching Low on-resistance No secondary breadown Low driving power Avalanche-proof
logo
Advanced Power Electron...
AP60N03GJ A-POWER-AP60N03GJ Datasheet
72Kb / 4P
   Low On-Resistance Fast Switching
AP7811GM A-POWER-AP7811GM Datasheet
83Kb / 6P
   Low On-Resistance, Fast Switching
AP60N03GH A-POWER-AP60N03GH Datasheet
67Kb / 4P
   Low On-Resistance Fast Switching
AP4410GM A-POWER-AP4410GM Datasheet
208Kb / 5P
   Low On-Resistance, Fast Switching
logo
Torex Semiconductor
XP151A02BOMR TOREX-XP151A02BOMR Datasheet
54Kb / 4P
   N-Channel Power MOS FET with low on-state resistance and ultra High-Speed Switching Characteristics.
XP161A02A1PR TOREX-XP161A02A1PR Datasheet
149Kb / 4P
   N-Channel Power MOS FET with low on-state resistance and ultra high-speed switching characteristics.
logo
Fuji Electric
1MBI800PN-180 FUJI-1MBI800PN-180 Datasheet
162Kb / 4P
   Low loss high speed switching IGBT Modules
logo
Advanced Power Electron...
AP6910GSM-HF A-POWER-AP6910GSM-HF Datasheet
90Kb / 7P
   Low On-resistance, Fast Switching Characteristic
AP6982GM A-POWER-AP6982GM Datasheet
102Kb / 7P
   Low On-resistance, Fast Switching Characteristic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com